Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4FMAF12 Datasheet(PDF) 7 Page - Rectron Semiconductor

Part # P4FMAF12
Description  SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4FMAF12 Datasheet(HTML) 7 Page - Rectron Semiconductor

  P4FMAF12 Datasheet HTML 1Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 2Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 3Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 4Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 5Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 6Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 7Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 8Page - Rectron Semiconductor P4FMAF12 Datasheet HTML 9Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RECTRON
Attachment information about P4FMAFXXX
1. Internal Circuit
Cathode
Anode
2. Marking on the body
V
X
X
X
A P X X X
Part No.
Voltage Range
Cathode Band
Plant - code
Year - code
Week - code
6.8-------6.8V
6.8A-------6.8V
400-------400V 400A-------400V
:
:
:
:
1). P4FMAFXX/P4FMAFXXA
2). P4FMAFXXCA
V
X
X
X
A P X X XCA
Part No.
Voltage Range
Plant - code
Year - code
Week - code
6.8CA-------6.8V
400CA-------400V
:
:
WW:01~52
WW:01~52
(Y:Last digit of year &
A:2010,B:2011...)
(Y:Last digit of year &
A:2010,B:2011...)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com