Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP664 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP664
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP664 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP664 Datasheet HTML 19Page - Microchip Technology MCP664 Datasheet HTML 20Page - Microchip Technology MCP664 Datasheet HTML 21Page - Microchip Technology MCP664 Datasheet HTML 22Page - Microchip Technology MCP664 Datasheet HTML 23Page - Microchip Technology MCP664 Datasheet HTML 24Page - Microchip Technology MCP664 Datasheet HTML 25Page - Microchip Technology MCP664 Datasheet HTML 26Page - Microchip Technology MCP664 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
 2009-2014 Microchip Technology Inc.
DS20002194E-page 23
MCP660/1/2/3/4/5/9
The power derating across temperature for an op amp
in a particular package can be easily calculated
(assuming equal power dissipations):
EQUATION 4-5:
Several techniques are available to reduce
TJA for a
given POAmax:
• Lower
JA
- Use another package
- PCB layout (ground plane, etc.)
- Heat sinks and air flow
• Reduce POAmax
- Increase RL
- Limit IOUT (using RSER)
- Decrease VDD
4.3
Distortion
Differential gain (DG) and differential phase (DP) refer
to the nonlinear distortion produced by an NTSC or a
phase-alternating line (PAL) video component. The AC
Electrical Specifications table and Figure 2-34 show
the typical performance of the MCP661, configured as
a gain of +2 amplifier (see Figure 4-10), when driving
one back-matched video load (150
, for 75 cable).
Microchip tests use a sine wave at NTSC’s color
sub-carrier frequency of 3.58 MHz, with a 0.286VP-P
magnitude. The DC input voltage is changed over a
+0.7V range (positive video) or a -0.7V range (negative
video).
DG is the peak-to-peak change in the AC gain
magnitude (color hue), as the DC level (luminance) is
changed, in percentile units (%). DP is the
peak-to-peak change in the AC gain phase (color
saturation), as the DC level (luminance) is changed, in
degree (°) units.
4.4
Improving Stability
4.4.1
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the phase margin (stability) of
the feedback loop decreases and the closed-loop
bandwidth is reduced. This produces gain peaking in
the frequency response, with overshoot and ringing in
the step response. A unity-gain buffer (G = +1) is the
most sensitive to capacitive loads, though all gains
show the same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 20 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-6) improves the
phase margin of the feedback loop by making the
output load resistive at higher frequencies. The
bandwidth will generally be lower than bandwidth
without the capacitive load.
FIGURE 4-6:
Output Resistor, RISO,
Stabilizes Large Capacitive Loads.
Figure 4-7 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1 + |Signal Gain| (e.g., -1 V/V gives GN =+2 V/V).
FIGURE 4-7:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for the circuit, double-check the
resulting frequency response peaking and step
response overshoot. Modify the value of RISO until the
response is reasonable. Bench evaluation and
simulations with the MCP660/1/2/3/4/5/9 SPICE macro
model are helpful.
Where:
TJmax = Absolute maximum junction temperature
P
OAmax
T
Jmax
T
A
–
n
JA
--------------------------
RISO
VOUT
CL
RG
RF
RN
MCP66X
-
+
1
10
100
1.E-11
1.E-10
1.E-09
1.E-08
Normalized Capacitance; CL/GN (F)
GN = +1
GN  +2
10p
100p
1n
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com