| Electronic Components Datasheet Search |
|
MCP4452 Datasheet(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4452 Datasheet(HTML) 76 Page - Microchip Technology |
|
76 / 100 page ![]() MCP444X/446X DS22265A-page 76 © 2010 Microchip Technology Inc. 8.5 Implementing Log Steps with a Linear Digital Potentiometer In audio volume control applications, the use of logarithmic steps is desirable since the human ear hears in a logarithmic manner. The use of a linear potentiometer can approximate a log potentiometer, but with fewer steps. An 8-bit potentiometer can achieve fourteen 3 dB log steps plus a 100% (0 dB) and a mute setting. Figure 8-7 shows a block diagram of one of the MCP44x1 resistor networks being used to attenuate an input signal. In this case, the attenuation will be ground referenced. Terminal B can be connected to a common mode voltage, but the voltages on the A, B and Wiper terminals must not exceed the MCP44x1’s VDD/VSS voltage limits. FIGURE 8-7: Signal Attenuation Block Diagram - Ground Referenced. Equation 8-1 shows the equation to calculate voltage dB gain ratios for the digital potentiometer, while Equation 8-2 shows the equation to calculate resistance dB gain ratios. These two equations assume that the B terminal is connected to ground. If terminal B is not directly resistively connected to ground, then this terminal B to ground resistance (RB2GND) must be included into the calculation. Equation 8-3 shows this equation. EQUATION 8-1: dB CALCULATIONS (VOLTAGE) EQUATION 8-2: dB CALCULATIONS (RESISTANCE) - CASE 1 EQUATION 8-3: dB CALCULATIONS (RESISTANCE) - CASE 2 Table 8-1 shows the codes that can be used for 8-bit digital potentiometers to implement the log attenuation. The table shows the wiper codes for -3 dB, -2 dB, and -1 dB attenuation steps. This table also shows the calculated attenuation based on the wiper code’s linear step. Calculated attenuation values less than the desired attenuation are shown with red text. At lower wiper code values, the attenuation may skip a step, if this occurs the next attenuation value is colored magenta to highlight that a skip occurred. For example, in the -3 dB column the -48 dB value is highlighted since the -45 dB step could not be implemented (there are no wiper codes between 2 and 1). P0A MCP44X1 P0W P0B L = 20 * log10 (VOUT / VIN) dB VOUT / VIN Ratio -3 0.70795 -2 -1 0.79433 0.89125 L = 20 * log10 (RBW / RAB) Terminal B connected to Ground (see Figure 8-7) L = 20 * log10 ( (RBW + RB2GND) / (RAB + RB2GND) ) Terminal B through RB2GND to Ground |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |