Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4451 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4451
Description  7/8-Bit Volatile Quad Digital POT with I2C Interface
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4451 Datasheet(HTML) 1 Page - Microchip Technology

  MCP4451 Datasheet HTML 1Page - Microchip Technology MCP4451 Datasheet HTML 2Page - Microchip Technology MCP4451 Datasheet HTML 3Page - Microchip Technology MCP4451 Datasheet HTML 4Page - Microchip Technology MCP4451 Datasheet HTML 5Page - Microchip Technology MCP4451 Datasheet HTML 6Page - Microchip Technology MCP4451 Datasheet HTML 7Page - Microchip Technology MCP4451 Datasheet HTML 8Page - Microchip Technology MCP4451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
 2010 Microchip Technology Inc.
DS22267A-page 1
MCP443X/5X
Features
• Quad Resistor Network
• Potentiometer or Rheostat Configuration Options
• Resistor Network Resolution:
7-bit – 128 Resistors (129 Taps)
8-bit – 256 Resistors (257 Taps)
•Four RAB Resistances options:
5k
10 k
50 k
100 k
• Zero-scale to Full-scale Wiper Operation
• Low Wiper Resistance – 75
 typical
•Low Tempco:
Absolute (Rheostat) – 50 ppm typical (0°-70°C)
Ratiometric (Potentiometer) – 15 ppm typical
•I2C Serial Interface Support:
100 kHz
400 kHz
3.4 MHz
• Serial Protocol Allows High-Speed Read/Write to
Wiper
• Resistor Network Terminal Disconnect Feature
via Terminal Control (TCON) Register
• Reset Input Pin
• Brown-out Reset Protection – 1.5V typical
• Serial Interface Inactive Current – 2.5 uA typical
• High-Voltage Tolerant Digital Inputs Up to 12.5V
• Supports Split Rail Applications
• Internal Weak Pull-up on All Digital Inputs, except
SCL and SDA
• Wide Operating Voltage:
2.7V to 5.5V - Device Characteristics Specified
1.8V to 5.5V - Device Operation
• Wide Bandwidth (-3 dB) Operation –
2 MHz typical for 5.0 k
 Device
• Extended Temperature Range (-40°C to +125°C)
• Three Package Types:
4x4 QFN-20
TSSOP-20
TSSOP-14
Package Types (Top View)
MCP44X1 Quad Potentiometers
TSSOP
1
2
3
4
14
15
17
18
4x4 QFN
6
7
89
12
13 RESET
A1
NC
SDA
P3B
SCL
HVC/A0
19
20
VDD
MCP44X2 Quad Rheostat
TSSOP
5
VSS
10
11 P0B
16
1
2
3
4
17
18
19
20
RESET
A1
NC
VDD
5
6
7
14
15
16
P0W
P0B
P0A
P1A
P1W
P1B
VSS
HVC/A0
SDA
SCL
8
9
10
P3B
P3W
P3A
12
12
P2W
P2A
P2B
11
1
2
3
4
11
12
13
14
P0B
A1
P0W
VDD
5
6
7
8
9
10
P2W
P1W
P2B
P3B
P3W
P1B
VSS
HVC/A0
SDA
SCL
EP
21
7/8-Bit Volatile Quad Digital POT
with I2C Interface


Similar Part No. - MCP4451

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4451 MICROCHIP-MCP4451 Datasheet
4Mb / 100P
7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP4451 MICROCHIP-MCP4451 Datasheet
4Mb / 100P
7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results

Similar Description - MCP4451

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP4461-503E-ML MICROCHIP-MCP4461-503E-ML Datasheet
4Mb / 100P
7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP4361-103E MICROCHIP-MCP4361-103E Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP4461-103E MICROCHIP-MCP4461-103E Datasheet
4Mb / 100P
7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
MCP444X MICROCHIP-MCP444X Datasheet
4Mb / 100P
7/8-Bit Quad I2C Digital POT with Nonvolatile Memory
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com