Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF147J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF147J
Description  WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF147J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF147J Datasheet HTML 1Page - National Semiconductor (TI) LF147J Datasheet HTML 2Page - National Semiconductor (TI) LF147J Datasheet HTML 3Page - National Semiconductor (TI) LF147J Datasheet HTML 4Page - National Semiconductor (TI) LF147J Datasheet HTML 5Page - National Semiconductor (TI) LF147J Datasheet HTML 6Page - National Semiconductor (TI) LF147J Datasheet HTML 7Page - National Semiconductor (TI) LF147J Datasheet HTML 8Page - National Semiconductor (TI) LF147J Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MICROCIRCUIT DATA SHEET
MNLF147-X REV 0A2
Features
- Internally trimmed offset voltage
5mV Max
- Low input bias current
50pA Typ
- Low input noise current
0.01pA/Root Hz Typ
- Wide gain bandwidth
4MHz Typ
- High slew rate
13V/uS Typ
- Low supply current
7.2mA Typ
- High input impedance
10E12 Ohms Typ
- Low total harmonic distortion Av=10,
<0.02% Typ
RL = 10K, Vo = 20Vp-p, BW = 20Hz - 20KHz
- Low 1/f noise corner
50Hz Typ
- Fast settling time to 0.01%
2uS Typ
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com