| Electronic Components Datasheet Search |
|
MCP4452-103E/ML Datasheet(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4452-103E/ML Datasheet(HTML) 52 Page - Microchip Technology |
|
52 / 94 page ![]() MCP443X/5X DS22267A-page 52 2010 Microchip Technology Inc. 6.2.7 GENERAL CALL The General Call is a method by which the “Master” device can communicate with all other “Slave” devices. In a Multi-Master application, the other Master devices are operating in Slave mode. The General Call address has two documented formats. These are shown in Figure 6-11. We have added a MCP44XX format in this figure as well. This will allow customers to have multiple I2C Digital Potentiometers on the bus and have them operate in a synchronous fashion (analogous to the DAC Sync pin functionality). If these MCP44XX 7-bit commands conflict with other I2C devices on the bus, then the customer will need two I2C busses and ensure that the devices are on the correct bus for their desired application functionality. Dual Pot devices can not update both Pot0 and Pot1 from a single command. To address this, there are General Call commands for the Wiper 0, Wiper 1, and the TCON registers. Table 6-3 shows the General Call Commands. Three commands are specified by the I2C specification and are not applicable to the MCP44XX (so command is Not Acknowledged). The MCP44XX General Call Commands are Acknowledged. Any other command is Not Acknowledged. TABLE 6-3: GENERAL CALL COMMANDS Note: Only one General Call command per issue of the General Call control byte. Any additional General Call commands are ignored and Not Acknowledged. 7-bit Command (1, 2, 3) Comment ‘1000 00d’b Write Next Byte (Third Byte) to Volatile Wiper 0 Register ‘1001 00d’b Write Next Byte (Third Byte) to Volatile Wiper 1 Register ‘1100 00d’b Write Next Byte (Third Byte) to TCON Register ‘1000 010’b or ‘1000 011’b Increment Wiper 0 Register ‘1001 010’b or ‘1001 011’b Increment Wiper 1 Register ‘1000 100’b or ‘1000 101’b Decrement Wiper 0 Register ‘1001 100’b or ‘1001 101’b Decrement Wiper 1 Register Note 1: Any other code is Not Acknowledged. These codes may be used by other devices on the I2C bus. 2: The 7-bit command always appends a ‘0’ to form 8-bits. 3: “d” is the D8 bit for the 9-bit write value. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |