Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPCEE031807GLAB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FDPCEE031807GLAB
Description  Axial Vitreous Leaded Wirewound Resistors with CECC Approval
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FDPCEE031807GLAB Datasheet(HTML) 2 Page - Vishay Siliconix

  FDPCEE031807GLAB Datasheet HTML 1Page - Vishay Siliconix FDPCEE031807GLAB Datasheet HTML 2Page - Vishay Siliconix FDPCEE031807GLAB Datasheet HTML 3Page - Vishay Siliconix FDPCEE031807GLAB Datasheet HTML 4Page - Vishay Siliconix FDPCEE031807GLAB Datasheet HTML 5Page - Vishay Siliconix FDPCEE031807GLAB Datasheet HTML 6Page - Vishay Siliconix FDPCEE031807GLAB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDG, FDK, FDP
www.vishay.com
Vishay Draloric
Revision: 28-Mar-17
2
Document Number: 21046
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Width is the nominal spacing between tapes, with the nominal tape width on both sides being 6 mm, and pitch is the nominal standard
spacing between components; tolerances apply according to IEC 60286-1
• On reels, the flanges are regular octagons with a span of 250 mm, and the arbor hole is Ø 20 mm
Note
• The products can be ordered using either the PRODUCT DESCRIPTION or the PART NUMBER
PACKAGING
TYPE
CODE
DESCRIPTION
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING DIMENSIONS
FDG
4C
AC G73
500
Taped acc. IEC 60286-1,
fan-folded in a box
73 mm
10 mm
324 mm x 101 mm x 49 mm
F1
R1 R73
1000
Taped acc. IEC 60286-1,
on a reel
73 mm
10 mm
Ø 271 mm x 108 mm
FDK
4B
AB G73
250
Taped acc. IEC 60286-1,
fan-folded in a box
73 mm
10 mm
324 mm x 101 mm x 49 mm
7B
AB G88
250
88 mm
10 mm
324 mm x 111 mm x 75 mm
FC
RC R73
500
Taped acc. IEC 60286-1,
on a reel
73 mm
10 mm
Ø 271 mm x 108 mm
IC
RC R88
500
88 mm
10 mm
Ø 271 mm x 118 mm
FDP
LA
LA
100
Bulk
-
-
225 mm x 140 mm x 70 mm
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: FDPCEE031809JLA000
TYPE
VERSION
VARIANT
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
FDG
FDK
FDP
CEE0 =
CECC 40201-801,
Version A
CEE7 =
CECC 40201-801,
Version E
failure rate
level E7
3 =
+100 ppm/K
to
+180 ppm/K
3 digit value
1 digit multiplier
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
G = ± 2 %
J = ± 5 %
4C
F1
4B
7B
FC
IC
LA
000 = standard
3 digit code =
customized
version
PRODUCT DESCRIPTION: G206 18R 5 % LA CECC 40201-801S FDP E0
G206
18R
5 %
LA
CECC 40201-801S FDP E0
TYPE
RESISTANCE
TOLERANCE
PACKAGING
VERSION
G202 = FDG
G204 = FDK
G206 = FDP
1R2 = 1.2
12K = 12 k
± 2 %
± 5 %
AC G..
R1 R..
AB G..
RC R..
LA
CECC 40201-801S FDP E0 =
Version A
CECC 40201-801S FDP E7 =
Version E
failure rate level E7
PE
3
1
8
9
L
A
0
0
D
F
00
J0
E
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com