Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C241 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C241
Description  5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C241 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DS90C241 Datasheet HTML 9Page - National Semiconductor (TI) DS90C241 Datasheet HTML 10Page - National Semiconductor (TI) DS90C241 Datasheet HTML 11Page - National Semiconductor (TI) DS90C241 Datasheet HTML 12Page - National Semiconductor (TI) DS90C241 Datasheet HTML 13Page - National Semiconductor (TI) DS90C241 Datasheet HTML 14Page - National Semiconductor (TI) DS90C241 Datasheet HTML 15Page - National Semiconductor (TI) DS90C241 Datasheet HTML 16Page - National Semiconductor (TI) DS90C241 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Description
DS90C124 DESERIALIZER PIN DESCRIPTIONS
29
VSSOR1
GND
Digital Ground, LVTTL O/P Ground
20
VDDOR2
VDD
Digital Voltage supply, LVTTL O/P Power
19
VSSOR2
GND
Digital Ground, LVTTL O/P Ground
7
VDDOR3
VDD
Digital Voltage supply, LVTTL O/P Power
8
VSSOR3
GND
Digital Ground, LVTTL O/P Ground
41
RIN+
LVDS_I
Receiver LVDS true (+) INput
42
RIN−
LVDS_I
Receiver LVDS inverted (−) INput
2
RESRVD
CMOS_I
RESERVED - tie Low
43
RRFB
CMOS_I
Receiver Rising Falling Bar clock Edge Select
RRFB = H; ROUT LVTTL O/P clocked on Rising CLK
RRFB = L; ROUT LVTTL O/P clocked on Falling CLK
48
REN
CMOS_I
Receiver ENable, (ACTIVE H)
REN = L; Disabled, ROUT[23-0] and RCLK TRI-STATED, PLL still operational
REN=H; Enabled
1
RPWDNB
CMOS_I
Receiver PoWer DowNBar (ACTIVE L)
RPWDNB = L; Disabled, ROUT[23-0], RCLK, and LOCK are TRI-STATED in stand-by
mode, PLL is shutdown
RPWDNB = H; Enabled
17
LOCK
CMOS_O
LOCK indicates the status of the receiver PLL
LOCK = L; receiver PLL is unlocked, ROUT[23-0] and RCLK are TRI-STATED
LOCK = H; receiver PLL is locked
25-28,
31-34
ROUT[7:0]
CMOS_O
Receiver Outputs – Group 1
13-16,
21-24
ROUT[15:8]
CMOS_O
Receiver Outputs – Group 2
3-6,
9-12
ROUT[23:16]
CMOS_O
Receiver Outputs – Group 3
18
RCLK
CMOS_O
Recovered CLocK. Parallel data rate clock recovered from the embedded clock.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com