Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5-PSL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-PSL
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-PSL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-PSL Datasheet HTML 1Page - M-System Co.,Ltd. R5-PSL Datasheet HTML 2Page - M-System Co.,Ltd. R5-PSL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R5-PS
R5-PS SPECIFICATIONS
ES-6110 Rev.14 Page 2/3
https://www.m-system.co.jp/
Mounting: Installation Base (model: R5-BS) or Extender
Power Supply Module Base (R5-EX1)
Weight: 250 g (0.55 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (Internal bus or
internal power to power input to RUN output to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1, EN 61010-2-201
Measurement Category II (RUN contact output)
Installation Category II (power input)
Pollution Degree 2
Internal power or RUN contact output to power input to FG:
Reinforced insulation (300 V)
Internal power to RUN contact output: Basic insulation
(300 V)
RoHS Directive
EXTERNAL VIEW
Power LED
POWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com