Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5-PC2W Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-PC2W
Description  Remote I/O R5 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-PC2W Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-PC2W Datasheet HTML 1Page - M-System Co.,Ltd. R5-PC2W Datasheet HTML 2Page - M-System Co.,Ltd. R5-PC2W Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R5-PC2
R5-PC2 SPECIFICATIONS
ES-6140 Rev.11 Page 1/3
https://www.m-system.co.jp/
Remote I/O R5 Series
PULSE OUTPUT MODULE
(photo MOSFET relay output, 2 points)
96.5
(3.80)
18 (.71)
90
(3.54)
mm (inch)
MODEL: R5–PC2[1][2]
ORDERING INFORMATION
• Code number: R5-PC2[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R5-PC2W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
2: 2-point outputs
[1] COMMUNICATION MODE
S: Single
W: Dual
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Connection
Internal bus: Via the Installation Base (model: R5-BS)
Output: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG24 - 12),
stripped length 7 mm)
Internal power: Via the base (model: R5-BS)
Isolation: Po 1 to Po 2 to internal bus or internal power
RUN indicator: Bi-color (red/green) LED;
Red when the bus A operates normally;
Green when the bus B operates normally;
Amber when both buses operate normally.
Output status indicator: Red LED; turns on with the outputs
ON.
Pulse width adjustment: 5 msec., 10 msec., 50 msec., 100
msec., 500 msec., 1 sec., 1.5 sec., 2 sec. (Side DIP SW)
Count reset: Via DIP switches on the side
OUTPUT SPECIFICATIONS
Output: Photo MOSFET relay contact, 2 points
Common: Each point independent
Rated load: 125 V AC/DC @ 50 mA (resistive load)
Maximum ON resistance: 50 Ω
Maximum frequency: 100 Hz (DIP SW selectable)
Totalized pulse range: 1 – 10000 (‘0’ at reset)
(Max. pulse range selectable from 100 to 60000 using the
R5CON PC Configurator Software. Refer to the R5CON Users
Manual for detailed information.)
Count at overflow: Reset and restart at ‘1.’
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (0.22 lb)
PERFORMANCE
Data allocation: 2
Response time: ≤ 0.1 sec.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Po 1 to Po 2 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG;
isolated on the power supply module)


Similar Part No. - R5-PC2W

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-PA2S MSYSTEM-R5-PA2S Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-PA2S/Q MSYSTEM-R5-PA2S/Q Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-PA2W MSYSTEM-R5-PA2W Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-PA2W/Q MSYSTEM-R5-PA2W/Q Datasheet
114Kb / 3P
Remote I/O R5 Series
More results

Similar Description - R5-PC2W

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-TDC4 MSYSTEM-R5-TDC4 Datasheet
117Kb / 3P
Remote I/O R5 Series
R5-TCTA MSYSTEM-R5-TCTA Datasheet
115Kb / 3P
Remote I/O R5 Series
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-RSA MSYSTEM-R5-RSA Datasheet
123Kb / 3P
Remote I/O R5 Series
R5-RS MSYSTEM-R5-RS Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-YV MSYSTEM-R5-YV Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-TSV MSYSTEM-R5-TSV Datasheet
109Kb / 3P
Remote I/O R5 Series
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
R5T-YV MSYSTEM-R5T-YV Datasheet
110Kb / 3P
Remote I/O R5 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com