Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSR2KV5 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MSR2KV5
Description  PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSR2KV5 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MSR2KV5 Datasheet HTML 1Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 2Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 3Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 4Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 5Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 6Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 7Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 8Page - M-System Co.,Ltd. MSR2KV5 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: MSR2K-V5
http://www.m-system.co.jp/
MSR2K-V5 SPECIFICATIONS
ES-7398-E Rev.5 Page 3/9
•Maximum number of I/O stations
High speed mode: 1 (1 station/1 node only)
Middle speed mode: 8*
Low speed mode: 20* (Only the 53U and/or 73VR21x Ver.2 can be assigned for the station 9 or later.)
* Max. 15 nodes can be connected per every 72EM(2)-M4 station. Only 1 node for other Ethernet devices.
COM port connection is available only with Station 1 through 4.
Maximum number of clients: 4
CAUTION: V 1.00x data can be imported into the V 5.00x by using the Conversion Tool.
■ SELECTABLE REMOTE I/O MODULES
• R3 Series I/O Modules
SIGNAL TYPE
MODEL NO.
DC voltage
R3-SV4, R3-SV4A, R3-SV4B,
R3-SV4C, R3(Y)-SV8, R3-SV8A,
R3-SV8B, R3-SV8C, R3(Y)-SV8N,
R3(Y)-SV16N
DC current
R3-SS4, R3(Y)-SS8, R3(Y)-SS8N,
R3-SS16N
Thermocouple
R3-TS4, R3-TS8
RTD
R3-RS4, R3(Y)-RS8
4 – 20 mA
R3-DS4, R3-DS4A, R3-DS8N
(excitation supply)
Potentiometer
R3-MS4, R3(Y)-MS8
Strain gauge
R3-LC2
AC current (CT)
R3-CT4
AC current (clamp-
R3-CT4A*, R3-CT4B*, R3-CT4C,
on current sensor)
R3-CT8A*, R3-CT8B*, R3-CT8C
Zero-phase current
R3-CZ4
AC voltage (VT)
R3-PT4
Discrete input
R3(Y)-DA16, R3(Y)-DA16A,
R3-DA16B, R3-DA32A,
R3-DA64A
Discrete output
R3(Y)-DC16, R3-DC16A,
R3-DC16B, R3-DC32A, R3-DC64A
High speed pulse input
R3-PA4
Totalized pulse input
R3(Y)-PA16
High speed totalized
R3-PA4A
pulse input
Low speed totalized
R3-PA4B
pulse input
AC power input
R3-WT4, R3-WT4A, R3-WT4B
Multi power input*
R3-WTU
Analog alarm*
R3-AD4, R3-AR4, R3-AS4, R3-AS8
R3-AT4,R3-AV4, R3-AV8
*Data range must be set up with the R3 Configurator
Software (model: R3CON) and the special cable.
MODEL NO.
Modbus Network Module
• R3 Series Interface Modules
NETWORK
R3-NM1
Ethernet Network Module
R3-NE1
MODBUS MODULE
MODEL NO.
SIGNAL TYPE
R1M, RZMS, RZUS
R2M
DC Voltage
R1M-GH2
R2M-2G3
Thermocouple
R1MS-GH3
R2M-2H3
RZM(U)S-U9
RTD
R1M-J3, RZM(U)S-U9
Potentiometer
RZM(U)S-U9
Discrete input
R1M-A1
Discrete output
R1M-D1
Pulse input
R1M-P4
Totalized pulse input
R1M-A1, R1M-P4
• R1M, R2M, RZxS Series I/O Modules
• R5 Series Remote I/O
SIGNAL TYPE
MODELS
DC voltage input
R5-SV, R5T-SV
DC current input
R5-SS, R5T-SS
Thermocouple input
R5-TS, R5T-TS
RTD input
R5-RS, R5T-RS
Discrete input
R5-DA4, R5T-DA4, R5-DA16
Discrete output
R5-DC4, R5T-DC4, R5-DC16
4 – 20mA input with
R5-DS, R5T-DS
excitation supply
Potentiometer input
R5-MS
CT input
R5T-CT
AC current input with R5T-CTA, R5T-CTB
clamp-on current sensor*2
PT input
R5T-PT
*2. Data range must be setup for use with the PC Recorder
using the PC Configurator Software R5CON and the spe-
cial cable.
Totalized pulse input R5-PA2, R5T-PA2
MODEL NO.
Modbus Network Module
• R5 Series Interface Modules
NETWORK
R5-NM1
Ethernet Network Module
R5-NE1
R7 SERIES SIGNAL TYPE
MODEL NO.
DC current/voltage
R7M-SV4
Thermocouple
R7M-TS4
4
S
R
-
M
7
R
D
T
R
Discrete input
R7M-DA16, R7M-EA16
Transistor output
R7M-DC16A, R7M-DC16B,
R7M-EC16A, R7M-EC16B
Data range must be set up with the R7 Configurator
Software (model: R7CON) and the special cable.
• R7M Series I/O Unit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com