Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSPKITA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSPKITA
Description  Educational Series 1/1000 RESOLUTION DEMO KIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSPKITA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSPKITA Datasheet HTML 1Page - M-System Co.,Ltd. MSPKITA Datasheet HTML 2Page - M-System Co.,Ltd. MSPKITA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MSPKITA
MSPKITA SPECIFICATIONS
ES-9181 Rev.1 Page 1/3
http://www.m-system.co.jp/
Educational Series
1/1000 RESOLUTION DEMO KIT
Functions & Features
• Demonstrates the performance of STEPTOP Electronic
Actuator MSP5 driven by a stepping motor.
325 (12.80)
190 (7.48)
mm (inch)
230 (9.06)
MODEL: MSPKITA[1]
ORDERING INFORMATION
• Code number: MSPKITA[1]
Specify a code from below for [1].
(e.g. MSPKITA/TR)
[1] OPTIONS
◆ TR30 set for MSPKITA
Blank: Without
/TR: With
(Use in Japan only since it includes wireless router for Japan only.)
INSTALLATION
Power input: 100 – 240 V AC
Power cable: For power supply above 125 V AC, use a cable
with a plug that fits the outlet and complies with the voltage
in your area (rated current of 3A or above).
Operating temperature: 0 to 35°C (32 to 95°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight: Approx. 7.0 kg (15.43 lb) including the housing box
+Approx. 1.2 kg (2.65 lb) with TR30 set


Similar Part No. - MSPKITA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP VISHAY-MSP Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
Vishay Siliconix
MSP VISHAY-MSP Datasheet
101Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
13-Feb-15
logo
Advanced Energy Industr...
MSP ADVANCEDENERGY-MSP Datasheet
699Kb / 8P
HITEK POWER MSP SERIES
logo
API Technologies Corp
MSP-007-050 APITECH-MSP-007-050 Datasheet
1Mb / 1P
Mini Surface Mount Power Filters
More results

Similar Description - MSPKITA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3154DK MAXIM-DS3154DK Datasheet
956Kb / 11P
Quad DS3/E3/STS-1 LIU Demo Kit
REV: 060903
DK101 MAXIM-DK101 Datasheet
329Kb / 13P
Low-Cost Demo Kit Motherboard
REV: 052903
logo
Dallas Semiconductor
DS3131DK DALLAS-DS3131DK Datasheet
376Kb / 33P
Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
logo
Maxim Integrated Produc...
DS3153DK MAXIM-DS3153DK Datasheet
633Kb / 11P
Triple DS3/E3/STS-1 LIU Demo Kit
REV: 111403
logo
Silicon Laboratories
EZR-LEDK2W-434 SILABS-EZR-LEDK2W-434 Datasheet
208Kb / 14P
Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
logo
List of Unclassifed Man...
KIT2 ETC2-KIT2 Datasheet
447Kb / 1P
demo kit
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
UVIRSLIDER2EK DEMO KIT USERS GUIDE
logo
Maxim Integrated Produc...
DK2000 MAXIM-DK2000 Datasheet
479Kb / 19P
High-Performance Demo Kit Motherboard
REV: 052903
DS26522DK MAXIM-DS26522DK Datasheet
914Kb / 23P
Dual T1/E1/J1 Transceiver Demo Kit
REV: 091806
logo
Schneider Electric
VJDEDUSTU855 SCHNEIDER-VJDEDUSTU855 Datasheet
90Kb / 2P
Vijeo Designer - configuration software - Educational Kit - V6.0
Jan 20, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com