Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP6 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MSP6
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP6 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MSP6 Datasheet HTML 1Page - M-System Co.,Ltd. MSP6 Datasheet HTML 2Page - M-System Co.,Ltd. MSP6 Datasheet HTML 3Page - M-System Co.,Ltd. MSP6 Datasheet HTML 4Page - M-System Co.,Ltd. MSP6 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MSP6
MSP6 SPECIFICATIONS
ES-4853 Rev.19 Page 3/5
http://www.m-system.co.jp/
INSTALLATION
Power consumption
•AC: 25 VA
•DC: 0.6 A
(Current is approx. 1.5 times as high as the above figure
during the motor startup)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Vibration
•Sweep endurance test
Acceleration: 2 G (19.6 m/s2)
Frequency: 10 to 1000 Hz
Cycle: 20 cycles
Rate: 1 Oct./min.
Endurance: approx. 4 hr. 30 min.
Direction: X, Y, Z
Mounting position: All directions
However, DO NOT mount the actuator with its output stem
or cable connector facing upward if the actuator is to be
exposed to dripping water.
Weight
DC powered: 3.7 kg (8.16 lb)
AC powered: 3.8 kg (8.38 lb)
Add 0.7 kg (1.54 lb) for the terminal box.
PERFORMANCE
Resolution: 1/1000 or 0.02 mm, whichever is greater, with a
deadband of 0.1 %
Insulation resistance
•AC powered (100 V AC, 200 V AC):
≥ 100 MΩ with 500 V DC
(signal or metallic housing to power)
≥ 100 MΩ with 100 V DC
(signal to metallic housing)
•AC powered (24 V AC):
≥ 100 MΩ with 100 V DC
(signal or metallic housing to power)
•DC powered (24 V DC):
≥ 100 MΩ with 100 V DC
(signal or power to metallic housing)
Dielectric strength
•AC powered (100 V AC, 200 V AC):
1500 V AC @ 1 minute
(signal or metallic housing to power)
100 V AC @ 1 minute
(signal to metallic housing)
•AC powered (24 V AC):
1500 V AC @ 1 minute
(signal or metallic housing to power)
•DC powered (24 V DC):
100 V AC @ 1 minute
(signal or power to metallic housing)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (Full-open/-closed signal)
Pollution Degree 2
Full-open/-closed signal to other, power or metallic
housing: Reinforced insulation (125 V)
RoHS Directive
EN 50581
TERMINOLOGY
• Overload (Lock) Protection
The Mini-Top Series is equipped with a protection circuit
against overload caused by for example the valve catching
an alien substance.
When an overload is detected, the Mini-Top stops supplying
power to the motor and the status LED blinks in 0.5 sec.
intervals.
The protection is reset automatically with applying opposite-
direction input signal or turning the power off and
restarting.
• Restarting Timer
The Mini-Top Series is equipped with a timer circuit which
gives an interval period (0 – 10 seconds) between stop-
restart actions to prevent the motor and other internal
components from overheating.
It is recommended to set a long restarting time when the
ambient temperature and/or the temperature of flow
material is high.
• Electronic Limiter
This model is equipped with electronic limiters in order to
prevent mechanical locks when the input goes below 0 % or
above 100 %.
Limiters are set at approx. -0.5 % for the full-closed side,
approx. 100.5 % for the full-open side.
• Seal-Spring
The Mini-top Series incorporates a seal-spring to maintain
the sealing pressure when the valve is fully closed. The
standard spring has 0.5 – 1 mm (.02” – .04”) flexibility to
facilitate the full-closed adjustment.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com