Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6805B-FP Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U6805B-FP
Description  HEX DRIVER IC WITH THERMAL MONITORING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6805B-FP Datasheet(HTML) 2 Page - ATMEL Corporation

  U6805B-FP Datasheet HTML 1Page - ATMEL Corporation U6805B-FP Datasheet HTML 2Page - ATMEL Corporation U6805B-FP Datasheet HTML 3Page - ATMEL Corporation U6805B-FP Datasheet HTML 4Page - ATMEL Corporation U6805B-FP Datasheet HTML 5Page - ATMEL Corporation U6805B-FP Datasheet HTML 6Page - ATMEL Corporation U6805B-FP Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
U6805B
4763A–AUTO–11/03
Pin Configuration
Figure 2. Pinning SO14
1
2
3
4
14
13
12
11
VO1
5
6
7
GND
10
9
8
VO2
VO3
VO4
VO5
VO6
VI1
VI2
VI3
VS
VI4
VI5
VI6
Pin Description
Pin
Symbol
Function
1
VO1
Output 1
2
VO2
Output 2
3
VO3
Output 3
4
GND
Ground
5
VO4
Output 4
6
VO5
Output 5
7
VO6
Output 6
8
VI6
Input 6
9
VI5
Input 5
10
VI4
Input 4
11
VS
Supply voltage, 5 V
12
VI3
Input 3
13
VI2
Input 2
14
VI1
Input 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com