Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA1107 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA1107
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA1107 Datasheet HTML 4Page - Analog Devices ADPA1107 Datasheet HTML 5Page - Analog Devices ADPA1107 Datasheet HTML 6Page - Analog Devices ADPA1107 Datasheet HTML 7Page - Analog Devices ADPA1107 Datasheet HTML 8Page - Analog Devices ADPA1107 Datasheet HTML 9Page - Analog Devices ADPA1107 Datasheet HTML 10Page - Analog Devices ADPA1107 Datasheet HTML 11Page - Analog Devices ADPA1107 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
40
–20
4.6
6.2
FREQUENCY (GHz)
INPUT RETURN LOSS
SMALL SIGNAL GAIN
OUTPUT RETURN LOSS
–15
–10
–5
0
5
10
15
20
25
30
35
4.8
5.0
5.2
5.4
5.6
5.8
6.0
Figure 7. Small Signal Gain and Return Loss (Response) vs. Frequency
0
–20
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
+85°C
+25°C
–40°C
–18
–16
–14
–12
–10
–8
–6
–4
–2
Figure 8. Input Return Loss vs. Frequency at
Various Temperatures
5.0
5.2
5.4
5.6
5.8
6.0
34
20
4.8
FREQUENCY (GHz)
24V
28V
32V
22
24
26
28
30
32
Figure 9. Small Signal Gain vs. Frequency at
Various Supply Voltages and IDQ = 350 mA
5.0
5.2
5.4
5.6
5.8
6.0
36
20
4.8
FREQUENCY (GHz)
+85°C
+25°C
–40°C
22
24
26
28
30
32
34
Figure 10. Small Signal Gain vs. Frequency at
Various Temperatures
5.0
5.2
5.4
5.6
5.8
6.0
5
–20
4.8
FREQUENCY (GHz)
+85°C
+25°C
–40°C
–15
–10
–5
0
Figure 11. Output Return Loss vs. Frequency at
Various Temperatures
34
20
4.8
5.0
5.2
5.4
5.6
5.8
6.0
FREQUENCY (GHz)
22
24
26
28
30
32
450mA
350mA
250mA
Figure 12. Small Signal Gain vs. Frequency at
Various Quiescent Currents and VDD1x and VDD2x = 28 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com