Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2130CDV Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2130CDV
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDV Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2130CDV Datasheet HTML 1Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 2Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 3Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 4Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 5Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
WM2130
10-bit 30MSPS Analogue-To-Digital Converter
Production Data, April 2001, Rev 1.2
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
 2001 Wolfson Microelectronics Ltd.
DESCRIPTION
The WM2130 is a high speed 10-bit analogue-to-digital
converter and operates with independent analogue and
digital supplies of 3V to 5.5V. This device includes a high
bandwidth sample and hold and internal voltage references.
Conversion is controlled by a single clock input.
The differential-input sample and hold input gives excellent
common-mode noise immunity and low distortion.
The
device can also be driven in a single ended fashion.
The device provides internal reference voltages for setting
the ADC full-scale range without the requirement for
external circuitry.
The WM2130 can also accept external
reference levels for applications where higher precision
references are required.
The WM2130 has also been designed to offer a speed
upgrade to users of the AD876 and a replacement for the
AD9200 and AD9202 devices. The WM2130 operates as
an AD876 in those design slots but at speeds of up to 50%
faster.
FEATURES
•
10-bit resolution ADC
•
30MSPS conversion rate
•
Wide input bandwidth (150 MHz full-power bandwidth)
sample and hold input amplifier
•
Independent analogue and digital supplies
•
Adjustable internal voltage references
•
Out of range indicator
•
Low power: 87mW typical at 3V supplies
•
Powerdown mode to 3mW typical
•
28-pin TSSOP package
APPLICATIONS
•
Set Top Box (STB)
•
IF and Baseband Digitisation
•
Medical Imaging
•
High speed data acquisition
BLOCK DIAGRAM
WM2130
AIN
PRECISION
REFERENCE
CIRCUITS
+
SHA
-
REFTS
D[9:0]
REFBF
REFTF
OVR
REFBS
OEB
MODE
REFSENSE
POWER-DOWN
CONTROL
STBY
AGND
AVDD
DGND
DVDD
M876B
TIMING
CONTROL
CLK
OUTPUT
BUFFERS
ADC


Similar Part No. - WM2130CDV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM2148CFT/V WOLFSON-WM2148CFT/V Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM2148IFT/V WOLFSON-WM2148IFT/V Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM2152 WOLFSON-WM2152 Datasheet
113Kb / 7P
12-bit, 30MSOS ADC
WM2152CDT WOLFSON-WM2152CDT Datasheet
113Kb / 7P
12-bit, 30MSOS ADC
More results

Similar Description - WM2130CDV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
10-Bit Digital-to-Analogue Converter
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
logo
List of Unclassifed Man...
IC3410 ETC1-IC3410 Datasheet
196Kb / 6P
10-bit digital to analogue converter IC 3410
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
THS1030 TI1-THS1030_13 Datasheet
1Mb / 39P
3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
10-Bit Analog-to-Digital Converter
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
Frequency To Analogue Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com