Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA254 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA254
Description  INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA254 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA254 Datasheet HTML 13Page - Texas Instruments INA254 Datasheet HTML 14Page - Texas Instruments INA254 Datasheet HTML 15Page - Texas Instruments INA254 Datasheet HTML 16Page - Texas Instruments INA254 Datasheet HTML 17Page - Texas Instruments INA254 Datasheet HTML 18Page - Texas Instruments INA254 Datasheet HTML 19Page - Texas Instruments INA254 Datasheet HTML 20Page - Texas Instruments INA254 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
11 Layout
11.1 Layout Guidelines
• This device is specified for current handling of up to 50 A over the entire –40°C to +85°C temperature range
using a 2-oz. copper pour for the input power plane, as well as no external airflow passing over the device.
• The primary current-handling limitation for this device is how much heat is dissipated inside the package.
Efforts to improve heat transfer out of the package and into the surrounding environment improve the ability
of the device to handle currents of up to 50 A over a wider temperature range.
• Heat transfer improvements primarily involve larger copper power traces and planes with increased copper
thickness (2 oz.), as well as providing airflow to pass over the device. Thermal vias help spread the current
and power dissapated over multiple board layers. The INA254 evaluation module (EVM) features a 2-oz.
copper pour for the planes, and is capable of supporting 50 A at temperatures up to 125°C.
• The bypass capacitor should be placed close to device ground and supply pins, but can be moved farther
out if needed to avoid cutting thermal planes. The recommended value of this bypass capacitor is 0.1 µF.
Additional decoupling capacitance can be added to compensate for noisy or high-impedance power supplies.
11.2 Layout Example
DNC
RES
OUT
REF1
IS-
SH+
IN+
IS+
DNC
IS-
NC
IS+
DNC
GND
VS
REF2
IS-
SH-
IN-
IS+
DNC
IS-
NC
IS+
25
26
16
15
14
13
19
18
17
22
21
20
24
23
INA254
Thermal Vias connecting top,
bottom and mid layers maximize
thermal performance
Pour IS+ Plane on
Top, Bottom, and Mid
Layers to maximize
thermal performance
IS- Plane on Top,
Bottom, and Mid
Layers to maximize
thermal performance
9
10
11
12
6
7
8
3
4
5
1
2
OUT, REF, VS pins VIA to mid
layer to avoid breaking thermal
planes on top and bottom layers
VIA RES and GND to internal GND
Plane on mid layers or via and
route to mid layer GND connection
Current Sense Amplifer Output
Current should flow
directly through the
internal shunt following
package orientation
Connect to GND or VS
depending on operational mode
Connect to GND or VS
depending on operational mode
VIA to GND
Connect VS to 2.7V to 5.5V
supply on mid layer
Refer to package drawings at end of
datasheet for information on via sizes
and pad/solder mask openings.
Recommend filling vias with soldier to
maximize thermal performance.
Figure 11-1. INA254 Layout Example
www.ti.com
INA254
SLOS974 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com