Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3450 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # REF3450
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3450 Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF3450 Datasheet HTML 16Page - Texas Instruments REF3450 Datasheet HTML 17Page - Texas Instruments REF3450 Datasheet HTML 18Page - Texas Instruments REF3450 Datasheet HTML 19Page - Texas Instruments REF3450 Datasheet HTML 20Page - Texas Instruments REF3450 Datasheet HTML 21Page - Texas Instruments REF3450 Datasheet HTML 22Page - Texas Instruments REF3450 Datasheet HTML 23Page - Texas Instruments REF3450 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
10.2.2 Detailed Design Procedure
10.2.2.1 Input and Output Capacitors
A 1-μF to 10-μF electrolytic or ceramic capacitor can be connected to the input to improve transient response in
applications where the supply voltage may fluctuate. Connect an additional 0.1-μF ceramic capacitor in parallel
to reduce high frequency supply noise.
A ceramic capacitor of at least a 0.1 μF must be connected to the output to improve stability and help filter out
high frequency noise. An additional 1-μF to 10-μF electrolytic or ceramic capacitor can be added in parallel to
improve transient performance in response to sudden changes in load current; however, keep in mind that doing
so increases the turnon time of the device.
Best performance and stability is attained with low-ESR, low-inductance ceramic chip-type output capacitors
(X5R, X7R, or similar). If using an electrolytic capacitor on the output, place a 0.1-μF ceramic capacitor in
parallel to reduce overall ESR on the output.
10.2.2.2 4-Wire Kelvin Connections
Current flowing through a PCB trace produces an IR voltage drop, and with longer traces, this drop can reach
several millivolts or more, introducing a considerable error into the output voltage of the reference. A 1-inch long,
5-millimeter wide trace of 1-ounce copper has a resistance of approximately 100 mΩ at room temperature; at a
load current of 10 mA, this can introduce a full millivolt of error. In an ideal board layout, the reference must be
mounted as close as possible to the load to minimize the length of the output traces, and, therefore, the error
introduced by voltage drop. However, in applications where this is not possible or convenient, force and sense
connections (sometimes referred to as Kelvin sensing connections) are provided as a means of minimizing the
IR drop and improving accuracy.
Kelvin connections work by providing a set of high impedance voltage-sensing lines to the output and ground
nodes. Because very little current flows through these connections, the IR drop across their traces is negligible,
and the output and ground voltage information can be obtain with minimum IR drop error.
It is always advantageous to use Kelvin connections whenever possible. However, in applications where the IR
drop is negligible or an extra set of traces cannot be routed to the load, the force and sense pins for both VOUT
and GND can simply be tied together, and the device can be used in the same fashion as a normal 3-terminal
reference (as shown in Figure 9-1).
10.2.2.3 VIN Slew Rate Considerations
In applications with slow-rising input voltage signals, the reference exhibits overshoot or other transient
anomalies that appear on the output. These phenomena also appear during shutdown as the internal circuitry
loses power.
To avoid such conditions, ensure that the input voltage wave-form has both a rising and falling slew rate close to
6 V/ms.
10.2.2.4 Shutdown/Enable Feature
The REF34xx references can be switched to a low power shut-down mode when a voltage of 0.5 V or lower is
input to the EN pin. Likewise, the reference becomes operational for EN voltages of 1.6 V or higher. During
shutdown, the supply current drops to less than 2 μA, useful in applications that are sensitive to power
consumption.
If using the shutdown feature, ensure that the EN pin voltage does not fall between 0.5 V and 1.6 V because
this causes a large increase in the supply current of the device and may keep the reference from starting up
correctly. If not using the shutdown feature, however, the EN pin can simply be tied to the IN pin, and the
reference remains operational continuously.
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com