Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6D-DC4B Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R6D-DC4B
Description  Remote I/O R6 Series PNP TRANSISTOR OUTPUT MODULE, 4 points
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6D-DC4B Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R6D-DC4B Datasheet HTML 1Page - M-System Co.,Ltd. R6D-DC4B Datasheet HTML 2Page - M-System Co.,Ltd. R6D-DC4B Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R6D-DC4B
R6D-DC4B SPECIFICATIONS
ES-7781-AJ Rev.0 Page 2/3
http://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
8
7
A
9
• Front View (cover opened)
• Side View
Operating Mode
Setting
Module Address
Setting
Status LED
Power LED
Discrete Output Status LED
5
6
7
8
1
2
3
4
Refer to the instruction manual for setting procedures.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5.9 (.23)
102 (4.02)
5
6
7
8
1
2
3
4
8–M3
EURO TERMINAL
WIRE INSERTION ANGLE: approx. 7°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com