Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTO150 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LTO150
Description  Clip Mount Power Resistor Thick Film Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO150 Datasheet(HTML) 3 Page - Vishay Siliconix

  LTO150 Datasheet HTML 1Page - Vishay Siliconix LTO150 Datasheet HTML 2Page - Vishay Siliconix LTO150 Datasheet HTML 3Page - Vishay Siliconix LTO150 Datasheet HTML 4Page - Vishay Siliconix LTO150 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LTO 150
www.vishay.com
Vishay Sfernice
Revision: 27-Sep-2019
3
Document Number: 50071
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONFIGURATION 1: Water cooling heatsink CP15 from Lytron (304 mm x 95.3 mm x 8 mm) with water flow rate 4 LPM and
thermal grease Bluesil Past 340 from BlueStar silicones. MAX08NG from AAVID screwed clip mounting.
CONFIGURATION 2: Air cooling heatsink 0S552 from AAVID (48 mm x 80 mm x 70 mm) and thermal grease Bluesil Past 340
from BlueStar silicones. MAX03HNG from AAVID clipped mounting.
CONFIGURATION 3: Air cooling heatsink 0S550 from AAVID (31.75 mm x 58.7 mm x 70 mm) and thermal grease Bluesil Past
340 from BlueStar silicones. MAX03HNG from AAVID clipped mounting.
MOMENTARY OVERLOAD
In any case the applied voltage must be lower than the
maximum overload voltage of 750 V during 5 s.
ENERGY CURVE (SINGLE PULSE)
The values indicated on the graph below are applicable to
resistors in air or mounted onto a heatsink.
POWER CURVE
POWER RATING
The temperature of the case should be maintained within the
limits specified.
MARKING
Model, style, resistance value (in
), tolerance (in %),
manufacturing date, Vishay Sfernice trademark according
IEC 60062.
CONFIGURATION 1
CONFIGURATION 2
CONFIGURATION 3
Power Dissipation (W)
150
35
26
T° Resistive Element (°C)
175
175
175
RTH (j - c) Max. (°C/W)
0.87
0.87
0.87
RTH (c - h) Typ. (°C/W)
0.127
0.33
0.33
RTH (h - a) Max. (°C/W)
0.069
3.09
4.57
Fluid T° (°C)
15 (water)
25 (air)
25 (air)
0.01
0.1
1
10
100
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
100
1000
10 000
100 000
1 000 000
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
PACKAGING
Tube of 30 units
0
20
40
60
80
100
120
140
160 175
100
125
75
50
25
0
CASE TEMPERATURE IN °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com