Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE24AC512E Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24AC512E
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC512E Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24AC512E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC512E Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ACE24AC512E
Two-wire Serial EEPROM
VER 1.1
6
Write Operations
(A)
Byte Write
A write operation requires two 8-bit data word address following the device address word and
acknowledge
signal. Upon receipt of this address, the EEPROM will respond with a “0” and then
clock in the first 8-bit data word.
Following receipt of the 8-bit data word, the EEPROM will again
output a “0”. The addressing device, such as a microcontroller, must terminate the write sequence
with a stop condition. At this time the EEPROM enters into an internally-timed write cycle state. All
inputs are disabled during this write cycle and the EEPROM will not respond until the writing is
completed (figure 3).
(B)
Page Write
The 512K EEPROM are capable of 128-byte page write.
A page write is initiated the same way as a byte write, but the microcontroller does not send a stop
condition after the first data word is clocked in. The microcontroller can transmit up to 127 more data
words after the EEPROM acknowledges receipt of the first data word. The EEPROM will respond
with a “0” after each data word is received. The microcontroller must terminate the page write
sequence with a stop condition (see Figure 4).
The lower five bits of the data word address are internally incremented following the receipt of each
data word.
The higher data word address bits are not incremented, retaining the memory page row
location.
If more than 64 data words are transmitted to the EEPROM, the data word address will
“roll over” and the previous data will be overwritten.
(C)
Acknowledge Polling
Acknowledge polling may be used to poll the programming status during a self-timed internal
programming. By issuing a valid read or write address command, the EEPROM will not acknowledge
at the 9th clock cycle if the device is still in the self-timed programming mode. However, if the
programming completes and the chip has returned to the standby mode, the device will return a valid
acknowledge signal at the 9th clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com