Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25GD100 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25GD100
Description  SPI 1M Bits Serial EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25GD100 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25GD100 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25GD100 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25GD100 Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ACE25GD100
SPI 1M Bits Serial EEPROM
VER 1.1
2
Absolute Maximum Ratings
Parameters
Ratings
Units
Operating Temperature
–40 to 85
°C
Storage Temperature
–65 to 150
°C
Voltage on any Pin with Respect to Ground (Note)
–0.5 to 6.5
V
VESD(HBM)
8000
V
Note:
The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the
voltage on any pin may undershot to no less than
−1.5 V or overshoot to no more than VCC+ 1.5 V, for periods of
less than 20 ns.
Comments: Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these
limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com