Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25AC400GFMTH Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE25AC400GFMTH
Description  SPI NOR FLASH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AC400GFMTH Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25AC400GFMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AC400GFMTH Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ACE25AC400G
SPI NOR FLASH
VER 1.3
10
Page Program (PP) (02H)
The Page Program (PP) command is for programming the memory. A Write Enable (WREN) command
must previously have been executed to set the Write Enable Latch (WEL) bit before sending the Page
Program command.
The Page Program (PP) command is entered by driving CS# Low, followed by the command code, three
address bytes and at least one data byte on SI. If the 8 least significant address bits (A7-A0) are not all
zero, all transmitted data that goes beyond the end of the current page are programmed from the start
address of the same page (from the address whose 8 least significant bits (A7-A0) are all zero). CS# must
be driven low for the entire duration of the sequence. The Page Program command sequence: CS# goes
low sending Page Program command 3-byte address on SI at least 1 byte data on SI CS# goes high. The
command sequence is shown in Figure7. If more than 256 bytes are sent to the device, previously latched
data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within the
same page. If less than 256 data bytes are sent to device, they are correctly programmed at the
requested addresses without having any effects on the other bytes of the same page. CS# must be driven
high after the eighth bit of the last data byte has been latched in; otherwise the Page Program (PP)
command is not executed.
As soon as CS# is driven high, the self-timed Page Program cycle (whose duration is tPP) is initiated.
While the Page Program cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Page Program cycle,
and is 0 when it is completed. Write Enable Latch (WEL) bit is reset to 0 at the end of the Page Program
Cycle..
Page Program (PP) command applied to a page which is protected by the Block Protect (BP2, BP1, BP0)
bit (see Table1) is not executed.
Figure7. Page Program Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com