Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6S-DA4/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R6S-DA4/Q
Description  Remote I/O R6 Series DISCRETE INPUT MODULE, 4 points
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R6S-DA4/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R6S-DA4/Q Datasheet HTML 1Page - M-System Co.,Ltd. R6S-DA4/Q Datasheet HTML 2Page - M-System Co.,Ltd. R6S-DA4/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R6S-DA4
R6S-DA4 SPECIFICATIONS
ES-7781-BC Rev.1 Page 2/3
http://www.m-system.co.jp/
EXTERNAL VIEW
8
7
A
9
• Front View (cover opened)
• Side View
Module Address
Setting
Status LED
Power LED
Discrete Input Status LED
5
6
7
8
1
2
3
4
Refer to the instruction manual for setting procedures.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5.9 (.23)
*Use a minus screwdriver: tip width 3.8 mm max., tip thickness 0.5 to 0.6 mm
102 (4.02)
WIRE INSERTION ANGLE
: approx.35°
TEST PROBE
max. 2 (.08) dia.
SCREWDRIVER
*
INSERTION ANGLE
: approx. 35°
5
6
7
8
1
2
3
4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com