Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4905A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4905A
Description  HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905A Datasheet(HTML) 3 Page - Semtech Corporation

  SC4905A Datasheet HTML 1Page - Semtech Corporation SC4905A Datasheet HTML 2Page - Semtech Corporation SC4905A Datasheet HTML 3Page - Semtech Corporation SC4905A Datasheet HTML 4Page - Semtech Corporation SC4905A Datasheet HTML 5Page - Semtech Corporation SC4905A Datasheet HTML 6Page - Semtech Corporation SC4905A Datasheet HTML 7Page - Semtech Corporation SC4905A Datasheet HTML 8Page - Semtech Corporation SC4905A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC4905A/B
POWER MANAGEMENT
PRELIMINARY
 2002 Semtech Corp.
www.semtech.com
3
Electrical Characteristics (Cont.)
Note 1: Guaranteed by design. Not 100%tested in production.
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mti
n
U
).
t
n
o
C
(
K
C
O
L
C
/
c
n
y
S
e
g
n
a
R
y
c
n
e
u
q
e
r
F
c
n
y
S
F
C
S
O
0
5
+z
H
n
o
it
c
e
S
ti
m
i
L
t
n
e
r
r
u
C
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
02
-A
µ
d
l
o
h
s
e
r
h
T
ti
m
i
L
t
n
e
r
r
u
C
0
0
2V
m
T
U
O
o
t
M
I
L
I
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
Pe
v
ir
d
r
e
v
O
V
m
0
55
3s
n
n
o
it
c
e
S
F
E
R
V
)
n
o
i
s
r
e
v
A
(
F
E
R
VA
m
5
-
0%
3
-4
%
3
+V
)
n
o
i
s
r
e
v
B
(
F
E
R
VA
m
5
-
0%
3
-5
%
3
+V
)
n
o
i
s
r
e
v
A
(
n
o
it
c
e
S
O
L
V
U
D
D
V
d
l
o
h
s
e
r
h
T
t
r
a
t
S
1
.
45
.
4V
s
i
s
e
r
e
t
s
y
H
0
0
3V
m
)
n
o
i
s
r
e
v
B
(
n
o
it
c
e
S
O
L
V
U
D
D
V
d
l
o
h
s
e
r
h
T
t
r
a
t
S
1
12
1V
s
i
s
e
r
e
t
s
y
H
4V
n
o
it
c
e
S
r
o
t
a
l
u
d
o
M
h
t
d
i
W
e
s
l
u
P
t
n
e
r
r
u
c
t
u
p
n
I
B
FV
B
F
V
m
0
0
3
+
f
e
r
V
o
t
V
0
=1
A
u
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
MV
B
F
V
m
0
0
5
<0
%
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
8
7%
V
X
A
M
D
V
=
F
F
0
9%
n
i
a
G
M
W
PV
F
F
6
.
3
=7
.
7
2V
/
%
T
U
O
o
t
M
W
P
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
5
70
2
1s
n
t
u
p
t
u
O
w
o
L
T
A
S
V
t
u
p
t
u
OI
T
U
O
A
m
1
=0
0
5V
m
h
g
i
H
T
A
S
V
t
u
p
t
u
OI
T
U
O
A
m
1
=5
.
0
-
F
E
R
VV
e
m
i
T
e
s
i
RC
T
U
O
F
p
0
2
=0
15
2s
n
e
m
i
T
ll
a
FC
T
U
O
F
p
0
2
=0
15
2s
n
Unless otherwise specified, V
DD = 12V, VIN = 48V, ROSC = 499k, COSC = 220pF, RT = 280k, RM = 2k, RB = 8.25k, CVDD = 0.1uF, and no load on the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com