Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4905AMSTR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4905AMSTR
Description  HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905AMSTR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4905AMSTR Datasheet HTML 8Page - Semtech Corporation SC4905AMSTR Datasheet HTML 9Page - Semtech Corporation SC4905AMSTR Datasheet HTML 10Page - Semtech Corporation SC4905AMSTR Datasheet HTML 11Page - Semtech Corporation SC4905AMSTR Datasheet HTML 12Page - Semtech Corporation SC4905AMSTR Datasheet HTML 13Page - Semtech Corporation SC4905AMSTR Datasheet HTML 14Page - Semtech Corporation SC4905AMSTR Datasheet HTML 15Page - Semtech Corporation SC4905AMSTR Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SC4905A/B
POWER MANAGEMENT
PRELIMINARY
 2002 Semtech Corp.
www.semtech.com
12
7) If an opto isolator is used for isolation, quiet primary
and secondary ground planes should be used. Same
precautions should be followed for the primary GND plane
as mentioned in item 5 mentioned above. For the sec-
ondary GND plane, the GND plane method mentioned
in item 4 should be followed.
8) All the noise sensitive components such as VFF, DMAX
resistive divider, reference by pass capacitor, VDD bypass
capacitor, current sensing circuitry, feedback circuitry, and
the oscillator resistor/capacitor network should be con-
nected as close as possible to the SC4905. The GND
return should be connected to the quiet SC4905 GND
plane.
9) The connection from the OUT of the SC4905 should be
minimized to avoid any stary inductance. If the layout can
not be optomized due to constraints, a small Schottky
diode maybe connected from the OUT pin to the ground
directly at the IC. This will clamp excessive negative volt-
ages at the IC. If drivers are used, the Schottky diodes
should be connected directly at the IC, from the output of
the driver to the driver ground.
10) If the SYNC function is not used, the SYNC pin should
be grounded at the SC4905 GND to avoid noise pick up.
Application Information (Cont.)
LAYOUT GUIDELINES
Careful attention to layout requirements are necessary for
successful implementation of the SC4905 PWM control-
ler.
High currents switching are present in the application
and their effect on ground plane voltage differentials must
be understood and minimized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used. The number and
position of ground plane interruptions should be such as
to not unnecessarily compromise ground plane integrity.
Isolated or semi-isolated areas of the ground plane may
be deliberately introduced to constrain ground currents to
particular areas, for example the input capacitor and FET
ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
FET must be kept as small as possible. This loop contains
all the high current, fast transition switching. Connections
should be as wide and as short as possible to minimize
loop inductance. Minimizing this loop area will a) reduce
EMI, b) lower ground injection currents, resulting in electri-
cally “cleaner” grounds for the rest of the system and c)
minimize source ringing, resulting in more reliable gate
switching signals.
3). The connection between FETs and the Transformer
should be a wide trace or copper region. It should be as
short as practical. Since this connection has fast voltage
transitions, keeping this connection short will minimize EMI.
4) The output capacitor(s) (Cout) should be located as
close to the load as possible. Fast transient load cur-
rents are supplied by Cout only. Connections between
Cout and the load must be short, wide copper areas to
minimize inductance and resistance.
5) The SC4905 is best placed over a quiet ground plane
area. Avoid pulse currents in the Cin FET loop flowing in
this area. GND should be returned to the ground plane
close to the package and close to the ground side of (one
of) the VDD supply capacitor(s). Under no circumstances
should GND be returned to a ground inside the Cin and
FET loop. This can be achieved by making a star connec-
tion between the quiet GND planes that the SC4905 will
be connected to and the noisy high current GND planes
connected to the FETs.
6) The feed back connection between the error amplifier
and the FB pin should be kept as short as possible, and
the GND connections should be to the quiet GND used for
the SC4905.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com