Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16342 Datasheet(PDF) 13 Page - NEC

Part # UPD16342
Description  96-BIT AC-PDP DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16342 Datasheet(HTML) 13 Page - NEC

Back Button UPD16342 Datasheet HTML 7Page - NEC UPD16342 Datasheet HTML 8Page - NEC UPD16342 Datasheet HTML 9Page - NEC UPD16342 Datasheet HTML 10Page - NEC UPD16342 Datasheet HTML 11Page - NEC UPD16342 Datasheet HTML 12Page - NEC UPD16342 Datasheet HTML 13Page - NEC UPD16342 Datasheet HTML 14Page - NEC UPD16342 Datasheet HTML 15Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet S15090EJ2V0DS
13
µµµµ PD16342
Switching Characteristics Waveform (2/3)
PW/BLK
tPHL4
tPLH4
tPHL3
3.3 V
VSS1
VOH2
VOL2
3.3 V
VSS1
VOH2
VOL2
VSS1
3.3 V
VSS1
50%
90%
10%
50%
50%
50%
50%
50%
90%
10%
50%
/LBLK
CLK
On
On
tPLH3
/HBLK
/CLR
PW/BLK
PW/CLR
t/CLR
Clock rising edge for valid data
3.3 V
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com