Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX74MTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX74MTR
Description  LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX74MTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX74MTR Datasheet HTML 1Page - STMicroelectronics 74LCX74MTR Datasheet HTML 2Page - STMicroelectronics 74LCX74MTR Datasheet HTML 3Page - STMicroelectronics 74LCX74MTR Datasheet HTML 4Page - STMicroelectronics 74LCX74MTR Datasheet HTML 5Page - STMicroelectronics 74LCX74MTR Datasheet HTML 6Page - STMicroelectronics 74LCX74MTR Datasheet HTML 7Page - STMicroelectronics 74LCX74MTR Datasheet HTML 8Page - STMicroelectronics 74LCX74MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74LCX74
5/11
AC ELECTRICAL CHARACTERISTICS
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =| tPLHm -tPLHn|, tOSHL =| tPHLm -tPHLn|)
2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/2 (per
Fli p-Flop)
Symbol
Parameter
Test Conditi on
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85
°C
-55 to 125
°C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time (CK to Q or Q)
2.7
50
500
2.5
1.5
8.0
1.5
9.2
ns
3.0 to 3.6
1.5
7.0
1.5
8.0
tPLH tPHL
Propagation Delay
Time (PR or CLR to
Qor Q)
2.7
50
500
2.5
1.5
8.0
1.5
9.2
ns
3.0 to 3.6
1.5
7.0
1.5
8.0
tS
Setup Time, HIGH or
LOW level D to CK
2.7
50
500
2.5
2.5
3.5
ns
3.0 to 3.6
2.5
3.5
th
Hold Time, HIGH or
LOW level D to CK
2.7
50
500
2.5
1.5
1.5
ns
3.0 to 3.6
1.5
1.5
tW
CK Pulse Width,
HIGH or LOW
PR or CLR Pulse
Width, LOW
2.7
50
500
2.5
3.0
4.0
ns
3.0 to 3.6
3.0
4.0
trec
Recovery Time PR
or CLR to CK
2.7
50
500
2.5
00
ns
3.0 to 3.6
0
0
fMAX
Clock Pulse
Frequency
2.7
50
500
2.5
150
150
MHz
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
3.0 to 3.6
50
500
2.5
1.0
1.0
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25 °C
Min.
Typ.
Max.
CIN
Input Capacitance
3.3
VIN = 0 to VCC
6pF
CPD
Power Dissipation Capacitance
(note 1)
3.3
fIN = 10MHz
VIN = 0 or VCC
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com