Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVSF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # OVSF
Description  Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Fixed, OVSF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OVSF Datasheet(HTML) 1 Page - Vishay Siliconix

  OVSF Datasheet HTML 1Page - Vishay Siliconix OVSF Datasheet HTML 2Page - Vishay Siliconix OVSF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OVSF
www.vishay.com
Vishay Milwaukee
Revision: 08-Oct-13
1
Document Number: 31835
For technical questions, contact: vishaymilwaukeeresistor@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power, Tubular, Flat,
Oval, Fixed, OVSF
FEATURES
• Terminal bands are spotwelded onto the
insulated core and resistance-alloy wire is
precisely wound onto the oval core
• The wire is spotwelded to the terminal bands
and then “locked” onto the core with a silicone
or cement coating
• Available as fixed and adjustable resistors (for adjustable
Oval Resistor see www.vishay.com/doc?31836)
•Wirewound
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• Ratings are based on a temperature rise of 300 °C above an ambient of 40 °C.
(1) Standard fixed resistance tolerance ± 5 %. Resistance values less than 1
 and adjustable have ± 10 % tolerance. Closer tolerances
available upon request.
Notes
• Ratings are based on mounting on a steel panel 10" x 10" x 0.040". Derate by 29 % when mounting on non-heat conductive surface.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
HISTORICAL
MODEL
POWER RATING
W
RESISTANCE
RANGE
TOLERANCE (1)
± %
TERMINAL STYLE
OVSF0030
16-20
 Oval
30
1.2 to 7.3K
5
A
OVSF0040
16-32
 Oval
40
1.7 to 27K
5
A
OVSF0055
16-56
 Oval
55
2.4 to 85K
5
A
OVSF0070
16-76
 Oval
70
3.0 to 137K
5
A
OVSF0095
16-96
 Oval
95
4.1 to 171K
5
A
DERATING FOR GROUP INSTALLATIONS
NUMBER OF RESISTORS
STACKED
% OF SINGLE RATING
VERTICAL CHASSIS
HORIZONTAL CHASSIS
280
75
370
60
465
50
DIMENSIONS in inches (millimeters)
GLOBAL MODEL
DISTANCE BETWEEN TERMINALS
OVERALL LENGTH
WEIGHT (TYP.)
g
AL
OVSF0030
2 (50.8)
1.25 (31.75)
= A + 0.625 (15.875)
15
OVSF0040
2.75 (69.85)
2 (50.8)
= A + 0.625 (15.875)
24
OVSF0055
4.25 (107.95)
3.5 (88.9)
= A + 0.625 (15.875)
37
OVSF0070
5.5 (139.7)
4.75 (120.65)
= A + 0.625 (15.875)
45
OVSF0095
6.75 (171.45)
6 (152.4)
= A + 0.625 (15.875)
60


Similar Part No. - OVSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVS-0801 ETC2-OVS-0801 Datasheet
142Kb / 2P
SMD Super Bright LED
OVS-0803 ETC2-OVS-0803 Datasheet
142Kb / 2P
SMD Super Bright LED
OVS-0804 ETC2-OVS-0804 Datasheet
142Kb / 2P
SMD Super Bright LED
OVS-0806 ETC2-OVS-0806 Datasheet
142Kb / 2P
SMD Super Bright LED
logo
Multicomp Pro
OVS-10 MULTICOMP-OVS-10 Datasheet
164Kb / 2P
High Power Super Flux LEDs
20/06/12 V1.1
More results

Similar Description - OVSF

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
Tubular Power Wirewound Resistors
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
12-Mar-14
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
RBEF VISHAY-RBEF Datasheet
140Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Ribwound (RB), Fixed (RBEF, RBSF)
04-Mar-16
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Tubular,
04-Mar-16
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
08-Oct-13
RDEF VISHAY-RDEF Datasheet
92Kb / 5P
Wirewound Resistors, Industrial Power, Tubular, Roundwire (RD), Fixed (RDEF, RDSF)
04-Mar-16
CS66 VISHAY-CS66_V01 Datasheet
61Kb / 2P
Customer Special Oval Resistor (CS66), Wirewound Resistors, Industrial Power, Tubular, Oval, Flat, OVSF
07-Aug-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com