Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC0402VG01 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MSC0402VG01
Description  Thin Film Chip Resistors With Established Reliability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSC0402VG01 Datasheet(HTML) 7 Page - Vishay Siliconix

  MSC0402VG01 Datasheet HTML 1Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 2Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 3Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 4Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 5Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 6Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 7Page - Vishay Siliconix MSC0402VG01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MCS 0402 VG01, MCT 0603 VG01, MCU 0805 VG01, MCA 1206 VG01
www.vishay.com
Vishay Beyschlag
Revision: 16-Jun-2021
7
Document Number: 28744
For technical questions, contact: specialresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit code starting with 2312
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table
• The remaining 4 digits indicate the resistance value:
-The first 3 digits indicated the resistance value
- The last digit indicated the resistance decade in
accordance with the resistance decade table
Historical 12NC Example
The 12NC of a MCT 0603 VG01 resistor, value 287K and
TCR 50 with ± 1 % tolerance, supplied in cardboard tape of
5000 units per reel was: 2312 215 02874.
RESISTANCE DECADE
LAST DIGIT
1 
Ω to 9.99 Ω
8
10 
Ω to 99.9 Ω
9
100 
Ω to 999 Ω
1
1 k
Ω to 9.99 kΩ
2
10 k
Ω to 99.9 kΩ
3
100 k
Ω to 999 kΩ
4
1 M
Ω
5
HISTORICAL 12NC - Resistor type and packaging
DESCRIPTION
2312 ... .....
CARDBOARD TAPE ON REEL
TYPE
TCR
TOL.
E1
1000 PIECES
E0
10 000 PIECES
MCS 0402 VG01
± 50 ppm/K
± 1 %
260 0....
275 0....
± 15 ppm/K
± 0.1 %
262 0....
277 0....
Jumper
262 90001
277 90001
TYPE
TCR
TOL.
P1
1000 PIECES
P5
5000 PIECES
PW
20 000 PIECES
MCT 0603 VG01
± 50 ppm/K
± 1 %
200 0....
215 0....
205 0....
± 15 ppm/K
± 0.1 %
202 0....
217 0....
-
Jumper
202 90001
217 90001
207 90001
MCU 0805 VG01
± 50 ppm/K
± 1 %
240 0....
255 0....
245 0....
± 15 ppm/K
± 0.1 %
242 0....
257 0....
-
Jumper
242 90001
257 90001
247 90001
MCA 1206 VG01
± 50 ppm/K
± 1 %
No 12NC assigned to MCA 1206 VG01
± 15 ppm/K
± 0.1 %
Jumper



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com