Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRP1/4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MRP1/4
Description  Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MRP1/4 Datasheet(HTML) 1 Page - Vishay Siliconix

  MRP1/4 Datasheet HTML 1Page - Vishay Siliconix MRP1/4 Datasheet HTML 2Page - Vishay Siliconix MRP1/4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MRP
www.vishay.com
Vishay Mills
Revision: 07-May-12
1
Document Number: 31803
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistor, Commercial Power,
Silicone Coated, Axial Lead
FEATURES
• High temperature coating (> 350 °C)
• Complete welded construction
• Available
in
non-inductive
styles
with
Ayrton-Perry
winding
for
lowest
reactive
components, special “NI”
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Note
(1) Vishay Mills MRP models have two power ratings depending on operation temperature and stability requirements. Models not available for
characteristic V are: MRP1/4, MRP1/A, MRP1/2 and MRP01A.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING (1)
P25 °C W
CHARACTERISTIC U
+ 250 °C
POWER RATING (1)
P25 °C W
CHARACTERISTIC V
+ 350 °C
RESISTANCE
RANGE
± 0.25 %
RESISTANCE
RANGE
± 0.5 %, ± 1 %, ± 5 %
WEIGHT
(typical)
g
MRP1/4
MRP1/4
0.25
-
0.499 to 3.4K
0.1 to 3.4K
0.19
MRP1/A
MRP1/2A
0.5
-
0.499 to 5.0K
0.1 to 5.0K
0.21
MRP1/2
MRP1/2
0.75
-
0.499 to 6.85K
0.1 to 6.85K
0.21
MRP001
MRP01
1.0
-
0.499 to 10.4K
0.1 to 10.4K
0.27
MRP01A
MRP1A
1.2
-
0.499 to 10.4K
0.1 to 10.4K
0.36
MRP002
MRP02
2.25
3.0
0.1 to 18.74K
0.1 to 18.74K
0.87
MRP02A
MRP2A
2.5
3.25
0.1 to 32.3K
0.1 to 32.3K
1.11
MRP02B
MRP2B
1.5
2.25
0.1 to 10.5K
0.1 to 10.5K
0.67
MRP02C
MRP2C
3.5
4.25
0.1 to 47.1K
0.1 to 47.1K
1.33
MRP003
MRP03
3.0
3.75
0.1 to 24.5K
0.1 to 24.5K
0.96
MRP03B
MRP3B
3.5
4.25
0.1 to 33.0K
0.1 to 33.0K
1.28
MRP004
MRP04
4.0
5.0
0.1 to 48.0K
0.1 to 48.0K
1.73
MRP04B
MRP4B
5.0
6.5
0.1 to 90.9K
0.1 to 90.9K
3.03
MRP005
MRP05
5.5
7.0
0.1 to 89.8K
0.1 to 89.8K
3.20
MRP007
MRP07
7.0
9.0
0.1 to 144.9K
0.1 to 144.9K
4.11
MRP010
MRP10
10.0
12.0
0.1 to 273.0K
0.1 to 273.0K
8.40
MRP10B
MRP10B
9.0
11.0
0.1 to 168.0K
0.1 to 168.0K
5.50
MRP015
MRP15
15.0
20.0
0.1 to 285.0K
0.1 to 285.0K
16.70
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: MRP00110R00JE08 (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(6 digits)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(3 digits)
SPECIAL
(up to 2 digits)
(See Standard Electrical
Specifications Global
Model column
for options)
R = Decimal
K = Thousand
1R500 = 1.5
1K500 = 1.5 k
C = ± 0.25 %
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
E07 = Tape/reel (MRP03B, MRP004,
MRP04B, MRP005, MRP007)
E08 = Tape/reel (MRP1/4, MRP1/A,
MRP1/2, MRP001)
E29 = Tape/reel (MRP010, MRP10B)
E48 = Tape/reel (MRP01A, MRP01B,
MRP002, MRP02A, MRP02B,
MRP02C, MRP003)
E12 = Bulk, up to 100 pc boxes
(Dash Number)
From 1 to 99
as applicable
NI =
Non-inductive
Historical Part Number example: MRP01W10R0J
MRP01
W = STANDARD
10
5 %
HISTORICAL MODEL
TC
RESISTANCE VALUE
TOLERANCE
R
P
00
11
0
R0
0
J
E
0
M
8


Similar Part No. - MRP1/4

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MRP1-20--Z COPAL-MRP1-20--Z Datasheet
442Kb / 3P
Pulse Switches
MRP1-20-1-Z COPAL-MRP1-20-1-Z Datasheet
442Kb / 3P
Pulse Switches
MRP1-20-R-Z COPAL-MRP1-20-R-Z Datasheet
442Kb / 3P
Pulse Switches
logo
Eldeco Srl
MRP10-V ELDECO-MRP10-V Datasheet
309Kb / 1P
Standard : UL - IEC 300V - 750V 52A - 57A
More results

Similar Description - MRP1/4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
24-Feb-12
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
MRB VISHAY-MRB Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com