Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5040F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC5040F
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC5040F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC5040F Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC5040F
84
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC5040F-4R7
4.7
100KHZ
8.5m
24.0
14.0
SC5040F-5R6
5.6
100KHZ
9.8m
20.3
12.5
SC5040F-6R8
6.8
100KHZ
11.5m
18.5
11.2
SC5040F-100
10
100KHZ
15.7m
16.7
9.50
SC5040F-150
15
100KHZ
23.5m
13.0
8.00
SC5040F-220
22
100KHZ
34.2m
10.6
6.50
SC5040F-330
33
100KHZ
51.2m
8.6
5.00
SC5040F-470
47
100KHZ
71.4m
7.0
4.00
SC5040F-680
68
100KHZ
100m
6.5
3.20
SC5040F-101
100
100KHZ
146m
5.0
2.80
SC5040F-151
150
100KHZ
216m
4.0
2.30
SC5040F-221
220
100KHZ
310m
3.3
1.80
SC5040F-331
330
100KHZ
450m
2.7
1.50
SC5040F-471
470
100KHZ
600m
2.2
1.20
SC5040F-681
680
100KHZ
890m
1.9
1.00
SC5040F-102
1000
100KHZ
1280m
1.5
0.88
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
1000
10000
1
1000
10000
100000
100
BC5040F I nduct ance decrease by current
1000000
DC curr ent (mA)
100
10
102
680
4R7
BC5040F Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
8000
12000
2000 4000 6000
14000
10000
16000
0
18000 20000 22000
102
680
4R7
SC5040F Inductance decrease by current
DC current (mA)
DC current (mA)
SC5040F Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC5040F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC5040FH BEL-SC5040FH Datasheet
776Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5040FH-100 BEL-SC5040FH-100 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5040FH-101 BEL-SC5040FH-101 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5040FH-120 BEL-SC5040FH-120 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC5040FH-142 BEL-SC5040FH-142 Datasheet
776Kb / 1P
SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC5040F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com