Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R30YV4 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30YV4
Description  Remote I/O R30 Series DC VOLTAGE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30YV4 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30YV4 Datasheet HTML 1Page - M-System Co.,Ltd. R30YV4 Datasheet HTML 2Page - M-System Co.,Ltd. R30YV4 Datasheet HTML 3Page - M-System Co.,Ltd. R30YV4 Datasheet HTML 4Page - M-System Co.,Ltd. R30YV4 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R30YV4
R30YV4 SPECIFICATIONS
ES-9005 Rev.3 Page 2/5
https://www.m-system.co.jp/
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R30BS)
Weight: 160 g (0.35 lb)
PERFORMANCE
Conversion accuracy: ±0.1 %
Conversion rate: 10 msec.
Data range: 0 – 10000 of the output range
Data allocation: 4
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Output delay time: ≤ 250 msec. (0 - 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (output 1 to
output 2 to output 3 to output 4 to internal bus or internal
power)
1500 V AC @ 1 minute (power input to FE; isolated by the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■ Output at the loss of communication
• Output Hold
If the network module is in error, the module holds the
signal at error and stands by until the communication
recovers.
• Output set value
If the network module is in error, the module holds the
signal at error or power up and stands by until the
communication recovers. The signal at error or power up is
selectable with PC configurator software (Model: R30 CFG)
Not depending on output at the loss of communication
setting, when power up the module holds the signal at error
or power up and stands by until the normal data is received.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com