Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R30NE1/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R30NE1/Q
Description  Remote I/O R30 Series MODBUS/TCP INTERFACE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30NE1/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R30NE1/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30NE1/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30NE1/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30NE1/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30NE1/Q Datasheet HTML 5Page - M-System Co.,Ltd. R30NE1/Q Datasheet HTML 6Page - M-System Co.,Ltd. R30NE1/Q Datasheet HTML 7Page - M-System Co.,Ltd. R30NE1/Q Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: R30NE1
R30NE1 SPECIFICATIONS
ES-9019 Rev.4 Page 2/8
https://www.m-system.co.jp/
Weight: 105 g (0.23 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Ethernet to internal bus or internal power)
1500 V AC @ 1 minute (power input to FE; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R30CFG)
Refer to the users manual for the R30CFG for detailed
operation of the software program.
PARAMETER
SETTING RANGE
DEFAULT SETTING
Timeout
0.2. to 3200.0 (sec.)
3.0 (sec.)
IP address
0.0.0.0 to 255.255.255.255 192.168.0.1
Subnet mask
0.0.0.0 to 255.255.255.255 255.255.255.0
Default gateway 0.0.0.0 to 255.255.255.255 192.168.0.100
Port No. 1
1 to 32000
502
Port No. 2
1 to 32000
502
Port No. 3
1 to 32000
502
Port No. 4
1 to 32000
502
Linger time
3.0 to 3200.0 (sec.)
180.0 (sec.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com