Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6479 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6479
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6479 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6479 Datasheet HTML 10Page - Microchip Technology MCP6479 Datasheet HTML 11Page - Microchip Technology MCP6479 Datasheet HTML 12Page - Microchip Technology MCP6479 Datasheet HTML 13Page - Microchip Technology MCP6479 Datasheet HTML 14Page - Microchip Technology MCP6479 Datasheet HTML 15Page - Microchip Technology MCP6479 Datasheet HTML 16Page - Microchip Technology MCP6479 Datasheet HTML 17Page - Microchip Technology MCP6479 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 14
 2020-2021 Microchip Technology Inc.
3.1
Analog Outputs
The analog output pins (VOUTx) are low-impedance
voltage sources.
3.2
Analog Inputs
The noninverting and inverting inputs (VINx+, VINx-) are
high-impedance CMOS inputs with low bias currents.
3.3
Power Supply Pins (VSS, VDD)
The positive power supply (VDD) is 1.8V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD needs
bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com