Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6477 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP6477
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6477 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP6477 Datasheet HTML 38Page - Microchip Technology MCP6477 Datasheet HTML 39Page - Microchip Technology MCP6477 Datasheet HTML 40Page - Microchip Technology MCP6477 Datasheet HTML 41Page - Microchip Technology MCP6477 Datasheet HTML 42Page - Microchip Technology MCP6477 Datasheet HTML 43Page - Microchip Technology MCP6477 Datasheet HTML 44Page - Microchip Technology MCP6477 Datasheet HTML 45Page - Microchip Technology MCP6477 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 44
 2020-2021 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM (AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a) MCP6476T-E/LTVAO:
Tape and Reel, Automotive,
Extended Temperature,
5-Lead SC70 Package.
b) MCP6476T-E/OTVAO:
Tape and Reel, Automotive,
Extended Temperature,
5-Lead SOT-23 Package.
c) MCP6476RT-E/OTVAO: Tape and Reel, Automotive,
Extended Temperature,
5-Lead SOT-23 Package.
d) MCP6476UT-E/LTVAO: Tape and Reel, Automotive,
Extended Temperature,
5-Lead SOC70 Package.
e) MCP6476UT-E/OTVAO: Tape and Reel, Automotive,
Extended Temperature,
5-Lead SOT-23 Package.
a) MCP6477-E/SNVAO:
Extended Temperature,
Automotive,
8-Lead SOIC Package.
b) MCP6477-E/MSVAO:
Extended Temperature,
Automotive,
8-Lead MSOP Package.
c) MCP6477T-E/SNVAO:
Tape and Reel,
Automotive,
Extended Temperature,
8-Lead SOIC Package.
d) MCP6477T-E/MSVAO:
Tape and Reel,
Automotive,
Extended Temperature,
8-Lead MSOP Package.
a) MCP6479-E/STVAO:
Extended Temperature,
Automotive,
14-Lead TSSOP Package.
b) MCP6479-E/SLVAO:
Extended Temperature,
Automotive,
14-Lead SOIC Package.
c) MCP6479T-E/STVAO:
Tape and Reel,
Automotive,
Extended Temperature,
14-Lead TSSOP Package.
d) MCP6479T-E/SLVAO:
Tape and Reel,
Automotive,
Extended Temperature,
14-Lead SOIC Package.
[X](1)
Tape and Reel
Option
Device:
MCP6476T
Single Op Amp (Tape and Reel) (SC70,
SOT-23)
MCP6476RT
Single Op Amp (Tape and Reel)
(SOT-23)
MCP6476UT
Single Op Amp (Tape and Reel)
(SC70, SOT-23)
MCP6477
Dual Op Amp
MCP6477T
Dual Op Amp
(Tape and Reel for SOIC, MSOP)
MCP6479
Quad Op Amp
MCP6479T
Quad Op Amp
(Tape and Reel for SOIC, TSSOP)
Temperature Range:
E = -40°C to +125°C
Package:
LT
= Plastic Package (SC70), 5-Lead
OT
= Plastic Small Outline Transistor
(SOT-23), 5-Lead
SN
= Plastic Small Outline (3.90 mm), 8-Lead
MS
= Plastic MSOP, 8-Lead
ST
= Plastic Thin Shrink Small Outline,
(4.4 mm),14-Lead
SL
= Plastic Small Outline, (3.90 mm),
14-Lead
Class
(Blank)
= Non-Automotive
VAO
= Automotive
XXX(2)
Class
Note 1: The Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
2: Automotive parts are AEC-Q100 qualified, Grade 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com