Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSTRG28PLCC02 Datasheet(PDF) 71 Page - Texas Instruments

Part # EDSTRG28PLCC02
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCC02 Datasheet(HTML) 71 Page - Texas Instruments

Back Button EDSTRG28PLCC02 Datasheet HTML 67Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 68Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 69Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 70Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 71Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 72Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 73Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 74Page - Texas Instruments EDSTRG28PLCC02 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
MECHANICAL DATA
4–5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
FZ 28-, 44-, and 68-pin ceramic leaded chip carrier (CLCC)
FZ (S-CQCC-J**)
J-LEADED CERAMIC CHIP CARRIER
4040219 / B 03/95
0.180 (4,57)
0.140 (3,55)
C
0.020 (0,51)
0.032 (0,81)
A
B
A
B
0.025 (0,64) R TYP
0.026 (0,66)
0.120 (3,05)
0.155 (3,94)
0.014 (0,36)
0.120 (3,05)
0.040 (1,02) MIN
0.090 (2,29)
0.040 (1,02)
 45°
A
MIN
MAX
0.485
(12,32)
(12,57)
0.495
0.455
(11,56)
(10,92)
0.430
MAX
MIN
BC
MIN
MAX
0.410
(10,41)
(10,92)
0.430
0.630
0.610
0.630
0.655
0.695
0.685
(16,00)
(15,49)
(16,00)
(16,64)
(17,65)
(17,40)
0.740
0.680
0.730
0.765
0.795
0.785
(18,79)
(17,28)
(18,54)
(19,43)
(20,19)
(19,94)
PINS**
28
44
52
NO. OF
JEDEC
MO-087AC
MO-087AB
MO-087AA
OUTLINE
28 LEAD SHOWN
Seating Plane
(at Seating
Plane)
1
426
25
19
18
12
11
5
0.050 (1,27)
0.930
0.910
0.930
0.955
0.995
0.985
(23,62)
(23,11)
(23,62)
(24,26)
(25,27)
(25,02)
68
MO-087AD
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com