Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6479T-E/ST Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6479T-E/ST
Description  3 MHz Operational Amplifier with EMI Filtering
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6479T-E/ST Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6479T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 15Page - Microchip Technology MCP6479T-E/ST Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
MCP6476/6R/6U/7/9
DS20006419B-page 12
 2020-2021 Microchip Technology Inc.
Note: Unless otherwise indicated, TA= +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/4, VOUT =VDD/2,
VL =VDD/2, RL = 10 k to VL and CL = 30 pF.
FIGURE 2-38:
Start-up Time.
FIGURE 2-39:
Overshoot vs. Capacitive
Load.
0
1
2
3
4
5
6
Time (5 μs/div)
V
DD = 5.5V
No Bypass Capacitors
V
IN = 100mVPP
V
OUT
t
start
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
Capacitive Load (pF)
V
IN = 100mV
Overshoot (+)
O
Overshoot (-)
G = +1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com