Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSTRG28PLCC Datasheet(PDF) 32 Page - Texas Instruments

Part # EDSTRG28PLCC
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG28PLCC Datasheet(HTML) 32 Page - Texas Instruments

Back Button EDSTRG28PLCC Datasheet HTML 28Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 29Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 30Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 31Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 32Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 33Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 34Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 35Page - Texas Instruments EDSTRG28PLCC Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
TIMING CONVENTIONS
1–24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
hold time
The time interval during which a signal is retained at a specified input terminal after an active transition occurs
at another specified input terminal.
NOTES:
1. The hold time is the actual time interval between two signal events and is determined by the system in which the digital circuit
operates. A minimum value is specified that is the shortest interval for which correct operation of the digital circuit is assured.
2. The hold time can have a negative value in which case the minimum limit defines the longest interval (between the release
of the signal and the active transition) for which correct operation of the digital circuit is assured.
Example symbology:
Classified
Description
th(EH-A)
Hold time, address, R / W and OCF from EDS, CSE1, CSE2, CSH1, CSH2,
CSH3, and CSPF high
th(EH-D)W
Hold time, write data time from EDS high
th(EH-D)R
Hold time, read time from EDS high
th(SCH-WT)
Hold time, WAIT time from SYSCLK high
th(AN)
Hold time, analog input from start of conversion
NOTE: The from-to sequence in the order of subscripts in the unclassified form is maintained in the classified form. In the case of hold times,
this causes the order to seem reversed from what would be suggested by the terms.
pulse duration (width)
The time interval between the specified reference points on the leading and trailing edges of the pulse
waveform.
Example symbology:
Classified
Description
tw(CI)
Pulse duration, XTAL2 / CLKIN
tw(PGM)B
Pulse duration, programming signal to ensure valid data is stored (byte mode)
tw(PGM)AR
Pulse duration, programming signal to ensure valid data is stored (array mode)
tw(EPGM)
Pulse duration, programming signal
tw(SCL)
Pulse duration, SYSCLK low
tw(SCH)
Pulse duration, SYSCLK high
tw(SCCL)
Pulse duration, SCICLK low
tw(SCCH)
Pulse duration, SCICLK high
tw(SPCL)
Pulse duration, SPICLK low
tw(SPCH)
Pulse duration, SPICLK high
tw(S)
Pulse duration, sample time per kilohm of source impedance
tw
Pulse duration, EDS, CSE1, CSE2, CSH1, CSH2, CSH3, and CSPF low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com