Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSTRG40DILX Datasheet(PDF) 21 Page - Texas Instruments

Part # EDSTRG40DILX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILX Datasheet(HTML) 21 Page - Texas Instruments

Back Button EDSTRG40DILX Datasheet HTML 17Page - Texas Instruments EDSTRG40DILX Datasheet HTML 18Page - Texas Instruments EDSTRG40DILX Datasheet HTML 19Page - Texas Instruments EDSTRG40DILX Datasheet HTML 20Page - Texas Instruments EDSTRG40DILX Datasheet HTML 21Page - Texas Instruments EDSTRG40DILX Datasheet HTML 22Page - Texas Instruments EDSTRG40DILX Datasheet HTML 23Page - Texas Instruments EDSTRG40DILX Datasheet HTML 24Page - Texas Instruments EDSTRG40DILX Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
DEVICE-NUMBERING CONVENTIONS
1–13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device-numbering conventions
Prefix: TMS = Qualified
SE = System evaluator (window EEPROM)
Family:
370 = TMS370 Microcontroller Family
Technology:
C = Complementary Metal-Oxide Semiconductor (CMOS)
Program Memory Types:
0 = Mask-ROM and EEPROM
1 = ROM-less, no Data EEPROM
2 = ROM-less, and EEPROM
3 = Mask-ROM, no Data EEPROM
4 = ROM Memory with Security and EEPROM
6 = EPROM, no Data EEPROM
7 = EPROM and EEPROM
Device Type:
External
Extra
No
Memory T1
T2A
T2B
SCI
SPI
ADC PIO† PACT Pins
0=
√
SCI1
28
1 =
√√
28
2 =
√
SCI1
√
40/44
3 =
‡
ADC1
√
44
4 =
√√
SCI1
ADC1
40/44
5 =
√√√
SCI1
√
ADC1
64/68
6=
√√√√
SCI1
√
ADC1
68
7 =
√√
ADC1
√
64/68
8 =
√
40/44
9 =
√
ADC3
40/44
A=
√√
SCI1
40
B=
√
ADC1
√
64/68
C=
√
SCI2
ADC2
28
Temperature Ranges:
A =
– 40
°C to 85°C
L=
0
°C to 70°C
T=
– 40
°C to 105°C
Package Types:
TI
Pkg
No.
TI
Pkg
No.
Code
Type
Pins
Code
Type
Pins
JD
=
CDIP
28/40
N
=
PDIP
28/40
FZ
=
CLCC
28/44/68
FN
=
PLCC
28/44/68
JC
=
CSDIP
40
NJ§
=
PSDIP
40
JN
=
CSDIP
64
NM
=
PSDIP
64
ROM and EEPROM Option:
For ROM:
A = Selectable clock as
4 or1 (PLL) and a watchdog timer
configured as one of the three mask options: standard
watchdog, hard watchdog, or simple counter.
None = Standard watchdog and
4 OSC, low-power modes enabled
For ROM-less:
A = Standard watchdog and
4 OSC, low-power modes enabled
For EPROM:
A = Standard watchdog and
4 OSC, low-power modes enabled
B = Hard watchdog and
1 PLL, low-power modes enabled
None = Standard watchdog and
4 OSC, low-power modes enabled
Program Memory Size:
No.
Size
No.
Size
0
=
4K bytes
6
=
16K bytes
1
=
2K bytes
7
=
24K bytes
2
=
8K bytes
8
=
32K bytes
3
=
12K bytes
9
=
48K bytes
† Extra peripheral I/O
‡ For device type No. 3 the TMS370Cx32 device has no SPI; the TMS370Cx36 device has an SPI.
§ NJ package was formerly known as N2.
TMS 370 C 7 1 2 A FN T
Figure 1. TMS370C Family Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com