Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDA1585BC Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CDA1585BC
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CDA1585BC Datasheet(HTML) 1 Page - Continental Device India Limited

  CDA1585BC Datasheet HTML 1Page - Continental Device India Limited CDA1585BC Datasheet HTML 2Page - Continental Device India Limited CDA1585BC Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
CDA1585BC
(9AW)
TO-92
BCE
Marking : CDA
1585
BC
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C unless otherwise specified)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
BVCBO
20
V
Collector Emitter Voltage
BVCEO
20
V
Emitter Base Voltage
BVEBO
6.0
V
Collector Current
IC
2.0
A
Collector Current Peak
ICP*
5.0
A
Collector Power Dissipation
PC
0.4
W
Operating And Storage Junction
Tj, Tstg
-55 to +150
deg C
Temperature Range
*Single Pulse Pw=10ms
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=50uA, IE=0
20
-
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
20
-
V
Emitter Base Voltage
VEBO
IE=50uA, IC=0
6.0
-
V
Collector Cut off Current
ICBO
VCB=20V, IE=0
-
-
0.1
uA
ICEO
VCE=20V, IB=0
1.0
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
0.1
uA
DC Current Gain
hFE
VCE=2V, IC=0.1A
220
-
500
VCE=2V, IC=2A
120
-
-
Collector Emitter Saturation Voltage
VCE(Sat)
IC=2A, IB=0.1A
-
-
1.0
V
Dynamic Characteristics
Transition Frequency
ft
VCE=2V,IC=0.5A,
-
150
-
MHz
f=100MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
35
-
pF
f=1MHz
IS/ISO 9002
Lic# QSC/L- 000019.2
IS / IECQC 700000
IS / IECQC 750100
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CDA1585BC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CDA15 CDE-CDA15 Datasheet
180Kb / 1P
Especially for Reel-Packed, Mica Capacitors Best Value Choice for Auto Insertion Applications
CDA15CD010D03 CDE-CDA15CD010D03 Datasheet
180Kb / 1P
Especially for Reel-Packed, Mica Capacitors Best Value Choice for Auto Insertion Applications
CDA15CD020D03 CDE-CDA15CD020D03 Datasheet
180Kb / 1P
Especially for Reel-Packed, Mica Capacitors Best Value Choice for Auto Insertion Applications
CDA15CD030D03 CDE-CDA15CD030D03 Datasheet
180Kb / 1P
Especially for Reel-Packed, Mica Capacitors Best Value Choice for Auto Insertion Applications
CDA15CD040D03 CDE-CDA15CD040D03 Datasheet
180Kb / 1P
Especially for Reel-Packed, Mica Capacitors Best Value Choice for Auto Insertion Applications
More results

Similar Description - CDA1585BC

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com