Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-BA32AS Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-BA32AS
Description  Remote I/O R3 Series BCD CODE INPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BA32AS Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-BA32AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-BA32AS Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: R3-BA32A
R3-BA32A SPECIFICATIONS
ES-8419 Rev.7 Page 2/5
https://www.m-system.co.jp/
PERFORMANCE
Data allocation: 4
Current consumption: 90 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(Di 11 thru 28 to Di 31 thru 48 to Di 51 thru 68 to Di 71 thru
88 to internal bus or internal power)
2000 V AC @ 1 minute (power input to FG; isolated on the
power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
FUNCTIONS
■ STROBE SIGNAL CONTROL
Controls the timing of reading data. Data is read in when
the strobe signal is ON. No data read while it is OFF, even if
there is a status change.
Data
Input
Read Rate* x 1/10
Strobe
Signal
Input
OFF
ON
≥ Read
Rate*
≥ Read
Rate*
■ STROBE SIGNAL TIMING CHART
*Read rate is selectable with SW3.
EXTERNAL VIEW
B
A
A
1
B
1
A
20
B
20
RUN LED
ERR LED
Input Status Indicator LEDs
Group Selector
Input Connector
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
SW3
ON
4
3
2
1
Read
Rate
Strobe
Signal
Control
■ FRONT VIEW
■ SIDE VIEW
•Connector Pin
Assignment



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com