Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-BC32AW/CE Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-BC32AW/CE
Description  Remote I/O R3 Series BCD CODE OUTPUT MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BC32AW/CE Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-BC32AW/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-BC32AW/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R3-BC32A
R3-BC32A SPECIFICATIONS
ES-8420 Rev.8 Page 5/5
https://www.m-system.co.jp/
OUTPUT CONNECTOR (40-pin)
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
1A
2A
3A
4A
Do 11
Do 12 (×10
0)
Do 14
Do 18
1B
2B
3B
4B
Do 51
Do 52 (×10
4)
Do 54
Do 58
5A
6A
7A
8A
Do 21
Do 22 (×10
1)
Do 24
Do 28
5B
6B
7B
8B
Do 61
Do 62 (×10
5)
Do 64
Do 68
9A
10A
COM1
24V DC_1
9B
10B
COM3
24V DC_3
11A
12A
13A
14A
Do 31
Do 32 (×10
2)
Do 34
Do 38
11B
12B
13B
14B
Do 71
Do 72 (×10
6)
Do 74
Do 78
15A
16A
17A
18A
Do 41
Do 42 (×10
3)
Do 44
Do 48
15B
16B
17B
18B
Do 81
Do 82 (×10
7)
Do 84
Do 88/ Strobe
19A
20A
COM2
24V DC_2
19B
20B
COM4
24V DC_4
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com