Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-BS14/CE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-BS14/CE
Description  Remote I/O R3 Series INSTALLATION BASE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-BS14/CE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-BS14/CE Datasheet HTML 1Page - M-System Co.,Ltd. R3-BS14/CE Datasheet HTML 2Page - M-System Co.,Ltd. R3-BS14/CE Datasheet HTML 3Page - M-System Co.,Ltd. R3-BS14/CE Datasheet HTML 4Page - M-System Co.,Ltd. R3-BS14/CE Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R3-BS
R3-BS SPECIFICATIONS
ES-8356 Rev.13 Page 1/5
https://www.m-system.co.jp/
Remote I/O R3 Series
INSTALLATION BASE
MODEL: R3–BS[1][2]
ORDERING INFORMATION
• Code number: R3-BS[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-BS10/CE/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NUMBER OF SLOTS
02: 2 slots
02P: 2 slots (R3-NP1 only)
04: 4 slots
06: 6 slots
08: 8 slots
10: 10 slots
12: 12 slots
14: 14 slots
16: 16 slots
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the main PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Capacity:
R3-BS02: 2 modules
R3-BS02P: 2 modules
R3-BS04: 4 modules
R3-BS06: 6 modules
R3-BS08: 8 modules
R3-BS10: 10 modules
R3-BS12: 12 modules
R3-BS14: 14 modules
R3-BS16: 16 modules
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight (No remote I/O module mounted)
R3-BS02: 100 g (0.22 lb)
R3-BS02P: 100 g (0.22 lb)
R3-BS04: 150 g (0.33 lb)
R3-BS06: 200 g (0.44 lb)
R3-BS08: 250 g (0.55 lb)
R3-BS10: 350 g (0.77 lb)
R3-BS12: 400 g (0.88 lb)
R3-BS14: 450 g (0.99 lb)
R3-BS16: 500 g (1.10 lb)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - R3-BS14/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-BA32A MSYSTEM-R3-BA32A Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AS MSYSTEM-R3-BA32AS Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AS/CE MSYSTEM-R3-BA32AS/CE Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AS/Q MSYSTEM-R3-BA32AS/Q Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
R3-BA32AW MSYSTEM-R3-BA32AW Datasheet
137Kb / 5P
Remote I/O R3 Series BCD CODE INPUT MODULE
More results

Similar Description - R3-BS14/CE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R6N-BS MSYSTEM-R6N-BS Datasheet
317Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R6D-BS MSYSTEM-R6D-BS Datasheet
325Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R30EBS MSYSTEM-R30EBS Datasheet
241Kb / 4P
INSTALLATION BASE (R3 I/O module extension use)
R30BS MSYSTEM-R30BS Datasheet
613Kb / 5P
Remote I/O R30 Series INSTALLATION BASE
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
R3-DC32A MSYSTEM-R3-DC32A Datasheet
126Kb / 5P
Remote I/O R3 Series
R3-SRR8 MSYSTEM-R3-SRR8 Datasheet
162Kb / 5P
Remote I/O R3 Series
R3Y-DAC16D MSYSTEM-R3Y-DAC16D Datasheet
181Kb / 8P
Remote I/O R3 Series
R5-BS MSYSTEM-R5-BS Datasheet
311Kb / 4P
Remote I/O R5 Series INSTALLATION BASE
R6S-BS MSYSTEM-R6S-BS Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com