Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSH263P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLSH263P
Description  LED Lamp InGaAℓP Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH263P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLSH263P Datasheet HTML 1Page - Toshiba Semiconductor TLSH263P Datasheet HTML 2Page - Toshiba Semiconductor TLSH263P Datasheet HTML 3Page - Toshiba Semiconductor TLSH263P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLSH263P
2002-09-25
1
TOSHIBA LED Lamp InGaAℓP Red Light Emission
TLSH263P
Panel Circuit Indicator
· 5.0mm diameter
· InGaAℓP red LED
· All plastic mold type.
· Colorless clear lens
· Low drive current , high intensity red light emission
Recommended forward current: IF = 15~20mA(DC)
· All plastic molded lens, provides an excellent on−off contrast ratio.
· Fast response time,capable of pulse operation.
· High power luminous intensity
· Without stand−offs.
· Wide radiation pattern.
· Applications: Suitable for backlighting.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current (DC)
IF
50
mA
Reverse voltage
VR
4
V
Power dissipation
PD
125
mW
Operating temperature range
Topr
-30~85
°C
Storage temperature range
Tstg
-40~120
°C
Unit in mm
JEDEC
―
EIAJ
―
TOSHIBA
4−5U1
Weight: 0.25 g


Similar Part No. - TLSH263P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH20T TOSHIBA-TLSH20T Datasheet
167Kb / 7P
TOSHIBA InGaAℓP LED
18-Jan-2002
logo
Marktech Corporate
TLSH20TP MARKTECH-TLSH20TP Datasheet
229Kb / 6P
Toshiba TLxH20 Series LEDs
logo
Toshiba Semiconductor
TLSH20TP TOSHIBA-TLSH20TP Datasheet
257Kb / 7P
Panel Circuit Indicator
01-Oct-2007
TLSH20TPF TOSHIBA-TLSH20TPF Datasheet
257Kb / 7P
Panel Circuit Indicator
01-Oct-2007
logo
Vishay Siliconix
TLSH210 VISHAY-TLSH210 Datasheet
95Kb / 8P
Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
04-Feb-99
More results

Similar Description - TLSH263P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSH180P TOSHIBA-TLSH180P Datasheet
123Kb / 4P
TOSHIBA LED Lamp InGaAℓP Red Light Emission
25-Sep-2002
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
25-Sep-2002
TLSH160 TOSHIBA-TLSH160 Datasheet
152Kb / 4P
TOSHIBA LED Lamp InGaALP Red Light Emission
25-Sep-2002
TLSH157P TOSHIBA-TLSH157P Datasheet
125Kb / 4P
TOSHIBA LED Lamp InGaAP Red Light Emission
25-Sep-2002
TLRMK16TAP TOSHIBA-TLRMK16TAP Datasheet
212Kb / 4P
TOSHIBA LED Lamp InGaAℓP Red Light Emission
16-Oct-2009
TLRMK16TAPTRK53 TOSHIBA-TLRMK16TAPTRK53 Datasheet
527Kb / 7P
TOSHIBA LED Lamp InGaAℓP Red Light Emission
16-Oct-2009
logo
Marktech Corporate
TLRMK31T MARKTECH-TLRMK31T Datasheet
173Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLRMK31TP MARKTECH-TLRMK31TP Datasheet
158Kb / 4P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Toshiba Semiconductor
TLRMK37TPK53 TOSHIBA-TLRMK37TPK53 Datasheet
588Kb / 7P
TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Marktech Corporate
TLRMH265P MARKTECH-TLRMH265P Datasheet
143Kb / 3P
TOSHIBA LED LAMP InGaA RED LIGHT EMISSION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com