| Electronic Components Datasheet Search |
|
AM6526BACDXA Datasheet(PDF) 81 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526BACDXA Datasheet(HTML) 81 Page - Texas Instruments |
|
81 / 282 page ![]() Table 6-33. I2C0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_I2C0_SDA I2C Data IOD AD7 6.3.13.3 WKUP Domain Table 6-34. I2C0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_I2C0_SCL I2C Clock IOD AC7 WKUP_I2C0_SDA I2C Data IOD AD6 6.3.14 MCAN 6.3.14.1 MCU Domain Table 6-35. MCAN0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_MCAN0_RX MCAN Receive Data I W2 MCU_MCAN0_TX MCAN Transmit Data O W1 Table 6-36. MCAN1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_MCAN1_RX MCAN Receive Data I AD3 MCU_MCAN1_TX MCAN Transmit Data O AC3 6.3.15 MCASP 6.3.15.1 MAIN Domain Table 6-37. MCASP0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP0_ACLKR MCASP Receive Bit Clock IO W24 MCASP0_ACLKX MCASP Transmit Bit Clock IO V24 MCASP0_AFSR MCASP Receive Frame Sync IO AA27 MCASP0_AFSX MCASP Transmit Frame Sync IO W25 MCASP0_AHCLKR MCASP Receive Master Clock IO AA25 MCASP0_AHCLKX MCASP Transmit Master Clock IO U23 MCASP0_AXR0 MCASP Serial Data (Input/Output) IO Y24 MCASP0_AXR1 MCASP Serial Data (Input/Output) IO V28 MCASP0_AXR2 MCASP Serial Data (Input/Output) IO Y25 MCASP0_AXR3 MCASP Serial Data (Input/Output) IO U27 MCASP0_AXR4 MCASP Serial Data (Input/Output) IO V27 MCASP0_AXR5 MCASP Serial Data (Input/Output) IO V26 MCASP0_AXR6 MCASP Serial Data (Input/Output) IO U25 MCASP0_AXR7 MCASP Serial Data (Input/Output) IO AB25 MCASP0_AXR8 MCASP Serial Data (Input/Output) IO AD27 MCASP0_AXR9 MCASP Serial Data (Input/Output) IO AC26 MCASP0_AXR10 MCASP Serial Data (Input/Output) IO AD26 MCASP0_AXR11 MCASP Serial Data (Input/Output) IO AA24 www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 81 Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |