Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF-3GD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # DF-3GD
Description  6.8mm x 19.9mm LIGHT BARS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DF-3GD Datasheet(HTML) 1 Page - Kingbright Corporation

  DF-3GD Datasheet HTML 1Page - Kingbright Corporation DF-3GD Datasheet HTML 2Page - Kingbright Corporation DF-3GD Datasheet HTML 3Page - Kingbright Corporation DF-3GD Datasheet HTML 4Page - Kingbright Corporation DF-3GD Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: KDA0387
REV NO: V.1
DATE: SEP/19/2001
PAGE: 1 OF 5
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
6.8mmx19.9mm LIGHT BARS
DF-3ID HIGH EFFICIENCY RED
DF-3GD GREEN
DF-3SRD SUPER BRIGHT RED
DF-3YD YELLOW
DF-3SGD SUPER BRIGHT GREEN
Description
The High Efficiency Red source color devices are made with
GalliumArsenidePhosphideonGalliumPhosphideOrange
LightEmittingDiode.
The Green and Super Bright Green source color devices are
made with Gallium Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
ArsenidePhosphideonGalliumPhosphideYellowLight
EmittingDiode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Features
!
UNIFORM LIGHT EMITTING AREA.
!
EASILY MOUNTED ON P.C. BOARDS OR
INDUSTRY STANDARD SOCKETS.
!
FLUSH MOUNTABLE.
!
EXCELLENT ON/OFF CONTRAST.
!
CAN BE USED WITH PANELS AND LEGEND
MOUNTS.
!
MECHANICALLY RUGGED.
!
I.C. COMPATIBLE.
!
SUPER BRIGHT RED AVAILABLE.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.


Similar Part No. - DF-3GD

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF-005 FRONTIER-DF-005 Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
DF-005-LFR FRONTIER-DF-005-LFR Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
DF-01 FRONTIER-DF-01 Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
logo
Herga Technology
DF-01 HERGA-DF-01 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
logo
Frontier Electronics.
DF-01-LFR FRONTIER-DF-01-LFR Datasheet
120Kb / 2P
1A BRIDGE RECTIFIERS
More results

Similar Description - DF-3GD

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
LIGHT BARS
OLB2655 SIEMENS-OLB2655 Datasheet
37Kb / 1P
LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
LIGHT BARS
logo
Marktech Corporate
MTLB257-HR MARKTECH-MTLB257-HR Datasheet
44Kb / 1P
LIGHT BARS
logo
Kingbright Corporation
KB-2350EW KINGBRIGHT-KB-2350EW Datasheet
145Kb / 5P
19.05mm x 3.81mm LED LIGHT BARS
logo
P-tec Corporation
PB72-LBRG13 P-TEC-PB72-LBRG13 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR12 P-TEC-PB72-LBRR12 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR21 P-TEC-PB72-LBRR21 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRY01 P-TEC-PB72-LBRY01 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
logo
BetLux Electronics
BL-AR10B2510 BETLUX-BL-AR10B2510 Datasheet
302Kb / 4P
10 bars, 25.4*10.1*6.8mm, LED light bar, BI-COLOR TYPE
REV NO: V.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com