Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1391C Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF1391C
Description  433.42 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1391C Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF1391C Datasheet HTML 1Page - RF Monolithics, Inc RF1391C Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
433.42 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1391C-040103
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +85
°C
Soldering Temperature
(10 seconds / 5 cycles max.)
260
°C
Pin
Connection
1
Input Ground
2
Input
3
to be Grounded
4
Case Ground
5
Output
6
Output Ground
7
to be Grounded
8
Case Ground
Matching Circuit to 50
Ω
Ω
Electrical Connections
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.8
5.0
5.2
0.189
0.197
0.205
B
4.8
5.0
5.2
0.189
0.197
0.205
C
1.7
0.067
D
2.08
0.082
E
1.17
0.046
F
0.64
0.025
G
2.39
2.54
2.69
0.094
0.100
0.106
Case Dimensions
Typical Filter Response
Typical filter responses are shown below. The actual response is dependent on external impedance matching and circuit layout.
PRm
Cor
CH1
S21
LOG
8 dB / REF -30 dB
1:-3.9433 dB
433.500 000 MHz
START 409.5 MHz
5 Mhz/div
STOP 459.5 MHz
1
Max
Image
Lo
8 dB/div
PRm
Cor
1
CH1
S21
LOG
5 dB / REF -20 dB
1:-3.9167 dB
433.420 000 MHz
START 432.500 000 MHz
STOP 434.500 000 MHz
5 dB/div
200 kHz/div
Min 3dB
Passband
at 25°C
1
2
3
8
Input
Output
C=4.3 pF
L=33 nH
7
6
5
4
C=4.3 pF
L=33 nH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com