Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2504-JD Datasheet(PDF) 4 Page - SMSC Corporation

Part # USB2504-JD
Description  INTEGRATED USB2.0 COMPATIBLE 4 - PORT HUB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504-JD Datasheet(HTML) 4 Page - SMSC Corporation

  USB2504-JD Datasheet HTML 1Page - SMSC Corporation USB2504-JD Datasheet HTML 2Page - SMSC Corporation USB2504-JD Datasheet HTML 3Page - SMSC Corporation USB2504-JD Datasheet HTML 4Page - SMSC Corporation USB2504-JD Datasheet HTML 5Page - SMSC Corporation USB2504-JD Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Integrated USB2.0 Compatible 4-Port Hub
Revision 1.8 (11-11-05)
4
SMSC USB2504/USB2504A
PRODUCT PREVIEW
Block Diagram
Figure 1 4-Port Block Diagram
Upstream
V
BUS
Upstream
PHY
Upstream
USB Data
Repeater
Controller
SIE
Serial
Interface
PLL
24 MHz
Crystal
To
EEPROM
or SMBus
Master
Routing Logic
SCL
SD
TT
#1
TT
#2
TT
#3
TT
#4
Port
Controller
Downstream
PHY #1
Port #1
OC Sense
Switch Driver
LED Drivers
Downstream
PHY #4
Port #4
OC Sense
Switch Driver
LED Drivers
...
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
V
BUS
Power
Detect
Pin
Strapping
Options
Internal
Defaults
Select
3.3V
1.8V
Reg.
1.8V
Cap



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com