Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3-DAC16AS Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R3-DAC16AS
Description  Remote I/O R3 Series DISCRETE INPUT OUTPUT MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-DAC16AS Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R3-DAC16AS Datasheet HTML 1Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 2Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 3Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 4Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 5Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 6Page - M-System Co.,Ltd. R3-DAC16AS Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: R3-DAC16A
R3-DAC16A SPECIFICATIONS
ES-8342 Rev.3 Page 5/7
http://www.m-system.co.jp/
■ CONTINUOUS OUTPUT MODE
Do 1 through 8 are assigned to and Ch1 through 8. When data Do is “1” output is ON and when it is “0” output is OFF. Output
completion status Di is related to Do.
Do
CONTINUOUS OUTPUT
Di
OUTPUT COMPLETION STATUS
Do 1
Ch1 Output
Di 9
Ch1 Output Completion Status
Do 2
Ch2 Output
Di 10
Ch2 Output Completion Status
Do 3
Ch3 Output
Di 11
Ch3 Output Completion Status
Do 4
Ch4 Output
Di 12
Ch4 Output Completion Status
Do 5
Ch5 Output
Di 13
Ch5 Output Completion Status
Do 6
Ch6 Output
Di 14
Ch6 Output Completion Status
Do 7
Ch7 Output
Di 15
Ch7 Output Completion Status
Do 8
Ch8 Output
Di 16
Ch8 Output Completion Status
DATA ASSIGNMENT
■ Do
Note 1: For 4-bit length ON/OFF control mode, Do 5 through Do 8 are unavailable.
Note 2: For the combination with Modbus communication module (model: R3-NE1, R3-NM1 and such),
use the addresses of Coil (0X) for Modbus I/O assignment.
■ Di
Note 1: Di 9 – 16 data is not practical discrete input data. It is “output completion status” internal data.
Note 2: For the combination with Modbus communication module (model: R3-NE1, R3-NM1 and such),
use the addresses of Input (1X) for Modbus I/O assignment.
0
15
Di 1
Di 2
Di 3
Di 16
0
15
Do 1
Do 2
Do 3
Do 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com